Electronic Components Datasheet Search
  English  ▼

X  

TL7702B Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702B
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL7702B Datasheet HTML 9Page - Texas Instruments TL7702B Datasheet HTML 10Page - Texas Instruments TL7702B Datasheet HTML 11Page - Texas Instruments TL7702B Datasheet HTML 12Page - Texas Instruments TL7702B Datasheet HTML 13Page - Texas Instruments TL7702B Datasheet HTML 14Page - Texas Instruments TL7702B Datasheet HTML 15Page - Texas Instruments TL7702B Datasheet HTML 16Page - Texas Instruments TL7702B Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Design Tips
12
Literature Number: SLVAE04
Figure 14. Printed Circuit Layout for the supply voltage supervisor
When using the supply voltage supervisor TL770xB in certain applications a current limiting
resistor R
t (figure 15) in series to the capacitor Ct (pin 3) is required. With this circuit the timing
capacitor will be charged up to the supply voltage V
cc respectively an internal clamping (= 7.1 V),
where the smaller of the these two voltages determines the final voltage at the capacitor. When
the supply voltage drops quickly down to a voltage which is lower than the current voltage at the
capacitor C
t, a parasitic current path may be turned on which in turn erroneously activates the
outputs. This effect is avoided when the mentioned parasitic current I
p
stays below 1 mA.
Considering this the resistor R
t is calculated as follows:
R
V
V
mA
t
Ct
t
= ≥
−
max
1
where V
t
= threshold voltage of the SENSE input
V
Ctmax
= V
ccmax or 7 V, the lower of these values apply
When using the TL7705B (V
t = 4.55 V) with a maximum supply voltage Vcc = 5.5 V, one gets:
R
V
V
mA
t = ≥
−
=
5 5
4 55
1
950
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com