Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809
Description  3-Pin Supply Voltage Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 Datasheet(HTML) 4 Page - Texas Instruments

  TLV809 Datasheet HTML 1Page - Texas Instruments TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
TLV809
SLVSA03D – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLV809
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
7.3 Recommended Operating Conditions
at specified temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2
6
V
CIN
VDD bypass capacitor
0.1
µF
TA
Operating free-air temperature range
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TLV809
UNIT
DBV (SOT-23)
DBZ (SOT-23)
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
242.1
286.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
213.0
105.6
°C/W
RθJB
Junction-to-board thermal resistance
123.4
124.4
°C/W
ψJT
Junction-to-top characterization parameter
45.7
25.8
°C/W
ψJB
Junction-to-board characterization parameter
130.9
107.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
°C/W
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 ms/V.
(2)
To ensure best stability of the threshold voltage, place a bypass capacitor ( 0.1-µF ceramic) near the supply pins.
7.5 Electrical Characteristics
at TA = –40°C to +85°C (unless otherwise noted); typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VDD = 2.5 V to 6 V, IOH = –500 µA
VDD – 0.2
V
VDD = 3.3 V, IOH = –2 mA
VDD – 0.4
VDD = 6 V, IOH = –4 mA
VDD – 0.4
VOL
Low-level output voltage
VDD = 2 V to 6 V, IOH = 500 µA
0.2
V
VDD = 3.3 V, IOH = 2 mA
0.4
VDD = 6 V, IOH = 4 mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1 V, IOL = 50 µA
0.2
V
VIT–
Negative-going input
threshold voltage(2)
TLV809J25
TA = –40°C to +85°C
2.20
2.25
2.30
V
TLV809L30
2.58
2.64
2.70
TLV809K33
2.87
2.93
2.99
TLV809I50
4.45
4.55
4.65
Vhys
Hysteresis
TLV809J25
30
mV
TLV809L30
35
TLV809K33
40
TLV809I50
60
IDD
Supply current
VDD = 2 V, RESET is unconnected
9
12
µA
VDD = 6 V, RESET is unconnected
20
25
CI
Input capacitance
VI = 0 V to VDD
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com