Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809
Description  3-Pin Supply Voltage Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
0.995
0.996
0.997
0.998
0.999
1.000
1.001
TA − Free-Air Temperature − °C
−40
−20
0
20
40
60
85
VDD = 2.3 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.2
0.4
0.6
0.8
1.0
VDD − Threshold Overdrive Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
IOH − High-Level Output Current − mA
VDD = 6 V
TA = 85°C
0
−10
−20
−30
−40
−50
TA =−40°C
TA = 0°C
TA = 25°C
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
IOH − High-Level Output Current − mA
VDD = 2.5 V
TA = 85°C
0
−2
−4
−6
−8
−10
TA =−40°C
TA = 25°C
TA = 0°C
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0.0
2.5
5.0
7.5
10.0
12.5
VDD = 2.5 V
TA = 85°C
TA =−40°C
IOL − Low-Level Output Current − mA
TA = 25°C
TA = 0°C
0
5
10
15
20
0
6
+40°C
0°C
+85°C
1
2
3
4
5
+25°C
V
SupplyVoltage
V
CC -
-
6
TLV809
SLVSA03D – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLV809
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
Figure 2. Low-Level Output Voltage vs
Low-Level Output Current
Figure 3. Supply Current vs Supply Voltage
Figure 4. High-Level Output Voltage vs
High-Level Output Current
Figure 5. High-Level Output Voltage vs
High-Level Output Current
Figure 6. Normalized Input Threshold Voltage vs
Free-Air Temperature at VDD
Figure 7. Minimum Pulse Duration at VDD vs
VDD Threshold Overdrive Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com