Electronic Components Datasheet Search
  English  ▼

X  

AD6649EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 32Page - Analog Devices AD6649EBZ Datasheet HTML 33Page - Analog Devices AD6649EBZ Datasheet HTML 34Page - Analog Devices AD6649EBZ Datasheet HTML 35Page - Analog Devices AD6649EBZ Datasheet HTML 36Page - Analog Devices AD6649EBZ Datasheet HTML 37Page - Analog Devices AD6649EBZ Datasheet HTML 38Page - Analog Devices AD6649EBZ Datasheet HTML 39Page - Analog Devices AD6649EBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
AD6649
Data Sheet
Rev. C | Page 38 of 40
NCO/FIR SYNC Pin Control (Register 0x59)
Bits[7:2]—Reserved
Bit 1—SYNC Pin Sensitivity
If Bit 1 is set to a 0, the SYNC input responds to a level. If this
bit is set low, the SYNC input responds to the edge (rising or
falling) set in Bit 0 of Address 0x59.
Bit 0—SYNC Pin Edge Sensitivity
If Bit 1 is set high, setting Bit 0 to a 0 causes the SYNC input to
respond to a falling edge. If this bit is set, the SYNC input
respond to a rising edge.
NCO Control 2 (Register 0x5A)
Bits[7:1]—Reserved
Bit 0—Low Latency NCO Select
If Bit 0 is set to a 1, the low latency NCO is selected. This bit
should be selected for the fixed-frequency NCO, 95 MHz FIR
filter mode of operation. When this bit is set, the NCO value
must be set to either 0x40000000 or 0xC0000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com