Electronic Components Datasheet Search
  English  ▼

X  

AD6649EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD6649EBZ
Description  IF Diversity Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6649EBZ Datasheet HTML 23Page - Analog Devices AD6649EBZ Datasheet HTML 24Page - Analog Devices AD6649EBZ Datasheet HTML 25Page - Analog Devices AD6649EBZ Datasheet HTML 26Page - Analog Devices AD6649EBZ Datasheet HTML 27Page - Analog Devices AD6649EBZ Datasheet HTML 28Page - Analog Devices AD6649EBZ Datasheet HTML 29Page - Analog Devices AD6649EBZ Datasheet HTML 30Page - Analog Devices AD6649EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
AD6649
Rev. C | Page 27 of 40
DC CORRECTION
Because the dc offset of the ADC may be significantly larger
than the signal being measured, a dc correction circuit is included
to null the dc offset before measuring the power. The dc correction
circuit can also be switched into the main signal path, but this
may not be appropriate if the ADC is digitizing a time-varying
signal with significant dc content, such as GSM.
DC Correction Bandwidth
The dc correction circuit is a high-pass filter with a program-
mable bandwidth (ranging between 0.29 Hz and 2.387 kHz at
245.76 MSPS). The bandwidth is controlled by writing the 4-bit
dc correction bandwidth select register, located at Register 0x40,
Bits[5:2]. The following equation can be used to compute the
bandwidth value for the dc correction circuit:
π
×
×
=
/
/
2
2
_
_
14
CLK
k
f
BW
Corr
DC
where:
k is the 4-bit value programmed in Bits[5:2] of Register 0x40
(values between 0 and 13 are valid for k; programming 14 or 15
provides the same result as programming 13).
fCLK is the AD6649 ADC sample rate in hertz.
DC Correction Readback
The current dc correction value can be read back in Register 0x41
and Register 0x42 for each channel. The dc correction value is a
16-bit value that can span the entire input range of the ADC.
DC Correction Freeze
Setting Bit 6 of Register 0x40 freezes the DC correction at its
current state and continues to use the last updated value as the
dc correction value. Clearing this bit restarts dc correction and
adds the currently calculated value to the data.
DC Correction Enable Bits
Setting Bit 1 of Register 0x40 enables dc correction for use in
the output data signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com