Electronic Components Datasheet Search
  English  ▼

X  

AD8450 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8450 Datasheet HTML 5Page - Analog Devices AD8450 Datasheet HTML 6Page - Analog Devices AD8450 Datasheet HTML 7Page - Analog Devices AD8450 Datasheet HTML 8Page - Analog Devices AD8450 Datasheet HTML 9Page - Analog Devices AD8450 Datasheet HTML 10Page - Analog Devices AD8450 Datasheet HTML 11Page - Analog Devices AD8450 Datasheet HTML 12Page - Analog Devices AD8450 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Data Sheet
AD8450
Rev. B | Page 9 of 41
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2
RGP
3
RGPS
4
ISGP0
7
ISGP1S
6
ISGP1
5
ISGP0S
1
ISVP
8
ISGP2
9
ISGP3
10
RFBP
12
ISGN3
13
ISGN2
14
ISGN1S
15
ISGN1
16
ISGN0S
17
ISGN0
18
RGNS
19
RGN
20
ISVN
11
RFBN
59
58
57
54
55
56
60
53
52
VCTRL
VCLN
AVCC
VVE1
NC
VINT
VCLP
VVE0
NC
51
VVP0
49
VSET
48
NC
47
DVCC
46
FAULT
45
DGND
44
OCPS
43
OCPR
42
VREF
41
OVPR
50
VSETBF
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
PIN 1
AD8450
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output1
Description
1, 20
ISVP, ISVN
Input
Current Sense Instrumentation Amplifier Positive (Noninverting) and Negative (Inverting) Inputs.
Connect these pins across the current sense shunt resistor.
2, 19
RGP, RGN
N/A
Current Sense Instrumentation Amplifier Gain Setting Pins. Connect these pins to the appropriate
resistor network gain pins to select the current sense gain (see Table 5).
3, 18
RGPS, RGNS
N/A
Kelvin Sense Pins for the Current Sense Instrumentation Amplifier Gain Setting Pins (RGP and RGN).
4, 6,
8, 9,
12, 13,
15, 17
ISGP0, ISGP1,
ISGP2, ISGP3,
ISGN3, ISGN2,
ISGN1, ISGN0
N/A
Current Sense Instrumentation Amplifier Resistor Network Gain Pins (see Table 5).
5, 7,
14, 16
ISGP0S, ISGP1S,
ISGN1S, ISGN0S
N/A
Kelvin Sense Pins for the ISGP0, ISGP1, ISGN1, and ISGN0 Pins.
10, 11
RFBP, RFBN
Output
Current Sense Preamplifier Positive and Negative Outputs.
21, 35
BVP3S, BVN3S
N/A
Kelvin Sense Pins for the Voltage Sense Difference Amplifier Inputs BVP3 and BVN3.
22, 23,
24, 25,
31, 32,
33, 34
BVP3, BVP2,
BVP1, BVP0,
BVN0, BVN1,
BVN2, BVN3
Input
Voltage Sense Difference Amplifier Inputs. Each input pair (BVPx and BVNx) corresponds to a
different voltage sense gain (see Table 6).
26, 42, 73
VREF
Output
Voltage Reference Output Pins. VREF = 2.5 V.
27
BVREFH
Input
Reference Input for the Voltage Sense Difference Amplifier. To level shift the voltage sense
difference amplifier output by approximately 5 mV, connect this pin to the VREF pin. Otherwise,
connect this pin to the BVREFL pin.
28, 75
AGND
N/A
Analog Ground Pins.
29
BVREFL
Input
Reference Input for the Voltage Sense Difference Amplifier. The default connection is to ground.
30
BVREFLS
N/A
Kelvin Sense Pin for the BVREFL Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com