Electronic Components Datasheet Search
  English  ▼

X  

AD8450 Datasheet(PDF) 34 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD8450 Datasheet HTML 30Page - Analog Devices AD8450 Datasheet HTML 31Page - Analog Devices AD8450 Datasheet HTML 32Page - Analog Devices AD8450 Datasheet HTML 33Page - Analog Devices AD8450 Datasheet HTML 34Page - Analog Devices AD8450 Datasheet HTML 35Page - Analog Devices AD8450 Datasheet HTML 36Page - Analog Devices AD8450 Datasheet HTML 37Page - Analog Devices AD8450 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 34 of 41
EVALUATION BOARD
INTRODUCTION
Figure 61 is a photograph of the AD8450-EVALZ. The evaluation
board is a convenient standalone platform for evaluating the
major elements of the AD8450 (such as the PGIA and PGDA).
The circuit architecture is particularly suitable for evaluating
PID loop compensation when connected within an operating
charge/discharge system. Four separate loop dynamic networks are
available for constant current charge and discharge, and constant
voltage charge and discharge. The network subcircuits are shown
on the right hand side of the board schematic (Figure 62).
SMA connectors provide shielded access to the highly sensitive
programmable gain instrumentation amplifier (PGIA) and the
programmable gain difference amplifier (PGDA). SMA connectors
ISET and VSET are the constant current and constant voltage
control inputs. The ISMEA and VCTRL outputs, current and
voltage alarm references, and trigger voltages are accessible for
testing. The MODE switch selects either the charge or discharge
option. Figure 62 is a schematic of the AD8450-EVALZ. Table 8
lists and describes the various switches and their functions and
lists the SMA connector I/O.
FEATURES AND TESTS
The AD8450-EVALZ contains many user friendly features to
facilitate evaluation of the AD8450 performance. Numerous
connectors, test loops, and points facilitate the attachment of
scope probes and cables, and I/O switches conveniently exercise
various device options.
TESTING THE AD8450-EVALZ
The schematic item abbreviation TP signifies a test loop. Prior
to testing, install Jumpers TST1 through TST5 and move the
Shunts RUN1 through RUN5 to a single pin to open the
connection. Connect +25 V at AVCC, −5 V at AVEE, and
+5 V at DVCC.
PGIA and Offset
PGIA Gain Test
Apply 10 mV dc across TPISVP and TPISVN. For bench testing,
connect ISVN to ground using an external jumper. Use the
ISGN switch to select the desired PGIA gain option, and measure
the output voltage at TPISMEA or TPIMAX (referenced to
ground). For gains of 26, 66, 133, and 200, the output voltages
are 260 mV, 660 mV, 1.33 V, and 2 V, respectively. Subtract any
residual offset voltages from the output reading before
calculating the gain.
Figure 61. Photograph of the AD8450-EVALZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com