Electronic Components Datasheet Search
  English  ▼

X  

AD8450 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8450 Datasheet HTML 28Page - Analog Devices AD8450 Datasheet HTML 29Page - Analog Devices AD8450 Datasheet HTML 30Page - Analog Devices AD8450 Datasheet HTML 31Page - Analog Devices AD8450 Datasheet HTML 32Page - Analog Devices AD8450 Datasheet HTML 33Page - Analog Devices AD8450 Datasheet HTML 34Page - Analog Devices AD8450 Datasheet HTML 35Page - Analog Devices AD8450 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 32 of 41
LOOP FILTER AMPLIFIERS
The AD8450 has two loop filter amplifiers, also known as error
amplifiers (see Figure 59). One amplifier is for constant current
control (CC loop filter amplifier), and the other amplifier is for
constant voltage control (CV loop filter amplifier). The outputs
of these amplifiers are combined using a minimum output
selector circuit to perform automatic CC to CV switching.
Table 7 lists the inputs of the loop filter amplifiers for charge
mode and discharge mode.
Table 7. Integrator Input Connections
Feedback Loop Function
Reference
Input
Feedback
Terminal
Control the Current While
Discharging a Battery
ISET
IVE0
Control the Current While Charging a
Battery
ISET
IVE1
Control the Voltage While
Discharging a Battery
VSET
VVE0
Control the Voltage While Charging a
Battery
VSET
VVE1
The CC and CV amplifiers in charge mode and the CC amplifier
in discharge mode are inverting integrators, whereas the CV
amplifier in discharge mode is a noninverting integrator. There-
fore, the CV amplifier in discharge mode uses an extra amplifier,
the VSET buffer, to buffer the VSET input pin (see Figure 49).
Also, the CV amplifier in discharge mode uses the VVP0 pin to
couple the signal from the BVMEA pin to the integrator.
CONNECTING TO A PWM CONTROLLER (VCTRL PIN)
The VCTRL output pin of the AD8450 is designed to interface
with linear power converters and with pulse-width modulation
(PWM) controllers such as the ADP1972. The voltage range of
the VCTRL output pin is bounded by the voltages at the VCLP
and VCLN pins, as follows:
VVCLN − 0.5 V < VVCTRL < VVCLP + 0.5 V
Because the maximum rated input voltage at the COMP pin of
the ADP1972 is 5.5 V, connect the clamp voltages of the output
amplifier to +5 V (VCLP) and ground (VCLN) to prevent over-
ranging of the COMP input. As an additional precaution, install
an external 5.1 V Zener diode from the COMP pin to ground
with a series 1 kΩ resistor connected between the VCTRL and
COMP pins. Consult the ADP1972 data sheet for additional
applications information.
Given the architecture of the AD8450, the controller requires
that an increasing voltage at the VCTRL pin translate to a larger
output current in the power converter. If this is not the case, a
unity-gain inverting amplifier can be added in series with the
AD8450 output to add an extra inversion.
OVERVOLTAGE AND OVERCURRENT
COMPARATORS
The reference inputs of the overvoltage and overcurrent comparators
can be driven with external voltage references or with the internal
2.5 V reference (adjacent VREF pin). If external voltage references
are used, the sense inputs can be driven directly by the PGIA and
PGDA output nodes, ISMEA and BVMEA, respectively. If the
internal 2.5 V reference is used, the sense inputs can be driven
by resistor dividers, which attenuate the voltage at the ISMEA
and BVMEA nodes. For more information, see the Overcurrent
and Overvoltage Comparators section.
STEP BY STEP DESIGN EXAMPLE
This section describes the systematic design of a 1 A battery
charger/discharger using the AD8450 controller and the ADP1972
pulse-width modulation (PWM) controller. The power converter
used in this design is a nonisolated buck boost dc-to-dc converter.
The target battery is a 4.2 V fully charged, 2.7 V fully discharged
Li-Ion battery.
Step 1: Design the Switching Power Converter
Select the switches and passive components of the buck boost
power converter to support the 1 A maximum battery current.
The design of the power converter is beyond the scope of this
data sheet; however, there are many application notes and other
helpful documents available from manufacturers of integrated
driver circuits and power MOSFET output devices that can be
used for reference.
Step 2: Identify the Control Voltage Range of the
ADP1972
The control voltage range of the ADP1972 (voltage range of the
COMP input pin) is 0.5 V to 4.5 V. An input voltage of 4.5 V
results in the highest duty cycle and output current, whereas an
input voltage of 0.5 V results in the lowest duty cycle and output
current. Because the COMP pin connects directly to the VCTRL
output pin of the AD8450, the battery current is proportional to
the voltage at the VCTRL pin.
For information about how to interface the ADP1972 to the
power converter switches, see the ADP1972 data sheet.
Step 3: Determine the Control Voltage for the CV Loop
and the PGDA Gain
The relationship between the control voltage for the CV loop
(the voltage at the VSET pin), the target battery voltage, and the
PGDA gain is as follows:
CV Battery Target Voltage =
Gain
PGDA
VVSET
In charge mode, for a CV battery target voltage of 4.2 V, the
PGDA gain of 0.8 maximizes the dynamic range of the PGDA.
Therefore, select a CV control voltage of 3.36 V. In discharge
mode, for a CV battery target voltage of 2.7 V, the CV control
voltage is 2.16 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com