Electronic Components Datasheet Search
  English  ▼

X  

ADG5413F Datasheet(PDF) 11 Page - Analog Devices

Part # ADG5413F
Description  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413F Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG5413F Datasheet HTML 7Page - Analog Devices ADG5413F Datasheet HTML 8Page - Analog Devices ADG5413F Datasheet HTML 9Page - Analog Devices ADG5413F Datasheet HTML 10Page - Analog Devices ADG5413F Datasheet HTML 11Page - Analog Devices ADG5413F Datasheet HTML 12Page - Analog Devices ADG5413F Datasheet HTML 13Page - Analog Devices ADG5413F Datasheet HTML 14Page - Analog Devices ADG5413F Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADG5412F/ADG5413F
Rev. B | Page 11 of 28
CONTINUOUS CURRENT PER CHANNEL, Sx OR Dx
Table 5.
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
16-LEAD TSSOP
θJA = 112.6°C/W
83
59
39
mA max
VS = VSS + 4.5 V to VDD − 4.5 V
64
48
29
mA max
VS = VSS to VDD
16-LEAD LFCSP
θJA = 30.4°C/W
152
99
61
mA max
VS = VSS + 4.5 V to VDD − 4.5 V
118
80
52
mA max
VS = VSS to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com