Electronic Components Datasheet Search
  English  ▼

X  

MPD784037 Datasheet(PDF) 39 Page - NEC

Part # MPD784037
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784037 Datasheet(HTML) 39 Page - NEC

Back Button MPD784037 Datasheet HTML 35Page - NEC MPD784037 Datasheet HTML 36Page - NEC MPD784037 Datasheet HTML 37Page - NEC MPD784037 Datasheet HTML 38Page - NEC MPD784037 Datasheet HTML 39Page - NEC MPD784037 Datasheet HTML 40Page - NEC MPD784037 Datasheet HTML 41Page - NEC MPD784037 Datasheet HTML 42Page - NEC MPD784037 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
µPD784031
39
8.8.2
Synchronous serial interface (CSI)
With this interface, the master device makes the serial clock active to start transmission, then transfers 1-byte data
in phase with the clock.
Figure 8-12. Block Diagram of Synchronous Serial Interface
Remark fXX: Oscillator frequency or external clock input
Internal bus
Direction
control circuit
Shift register
Set
Reset
Output latch
N-ch open-drain
output enabled
(when two-wire
mode is used)
Serial clock
counter
Interrupt signal
generator
N-ch open-drain
output enabled
(when two-wire
mode is used)
Serial clock
control circuit
Timer 3 output
fXX/16
fXX/2
INTCSI
CLS0
CLS1
SCK0/SCL
SI0
SO0/SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com