Electronic Components Datasheet Search
  English  ▼

X  

MPD784037 Datasheet(PDF) 6 Page - NEC

Part # MPD784037
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784037 Datasheet(HTML) 6 Page - NEC

Back Button MPD784037 Datasheet HTML 2Page - NEC MPD784037 Datasheet HTML 3Page - NEC MPD784037 Datasheet HTML 4Page - NEC MPD784037 Datasheet HTML 5Page - NEC MPD784037 Datasheet HTML 6Page - NEC MPD784037 Datasheet HTML 7Page - NEC MPD784037 Datasheet HTML 8Page - NEC MPD784037 Datasheet HTML 9Page - NEC MPD784037 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
µPD784031
6
1. DIFFERENCES BETWEEN
µPD784038 SUB-SERIES
The only difference between the
µPD784031, µPD784035, µPD784036, µPD784037, and µPD784038 is their
capacity of internal memory.
The
µPD78P4038 is produced by replacing the masked ROM in the µPD784035, µPD784036, µPD784037, or
µPD784038 with 128K-byte one-time PROM or EPROM. Table 1-1 shows the differences between these products.
Table 1-1. Differences between the
µPD784038 Sub-Series
Product
Item
Internal ROM
Internal RAM
Package
128K bytes
(masked ROM)
4 352 bytes
96K bytes
(masked ROM)
3 584 bytes
µPD784035
48K bytes
(masked ROM)
2 048 bytes
80-pin plastic QFP (14
× 14 × 2.7 mm)
80-pin plastic QFP (14
× 14 × 1.4 mm)
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
µPD784037
(under development)
µPD784038
(under development)
80-pin ceramic
WQFN
(14
× 14 mm)
µPD784031
None
µPD784036
64K bytes
(masked ROM)
µPD78P4038
128K bytes
(one-time PROM
or EPROM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com