Electronic Components Datasheet Search
  English  ▼

X  

MPD784037 Datasheet(PDF) 13 Page - NEC

Part # MPD784037
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MPD784037 Datasheet(HTML) 13 Page - NEC

Back Button MPD784037 Datasheet HTML 9Page - NEC MPD784037 Datasheet HTML 10Page - NEC MPD784037 Datasheet HTML 11Page - NEC MPD784037 Datasheet HTML 12Page - NEC MPD784037 Datasheet HTML 13Page - NEC MPD784037 Datasheet HTML 14Page - NEC MPD784037 Datasheet HTML 15Page - NEC MPD784037 Datasheet HTML 16Page - NEC MPD784037 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
µPD784031
13
Pin
I/O
Dual-function
Function
TO0-TO3
Output
P34-P37
Timer output
CI
Input
P23/INTP2
Input of a count clock for timer/counter 2
RXD
Input
P30/SI1
Serial data input (UART0)
RXD2
P13/SI2
Serial data input (UART2)
TXD
Output
P31/SO1
Serial data output (UART0)
TXD2
P14/SO2
Serial data output (UART2)
ASCK
Input
P25/INTP4/SCK1
Baud rate clock input (UART0)
ASCK2
P12/SCK2
Baud rate clock input (UART2)
SDA
I/O
P33/SO0
Serial data I/O (2-wire serial I/O)
SI0
Input
P27
Serial data input (3-wire serial I/O0)
SI1
P30/RXD
Serial data input (3-wire serial I/O1)
SI2
P13/RXD2
Serial data input (3-wire serial I/O2)
SO0
Output
P33/SDA
Serial data output (3-wire serial I/O0)
SO1
P31/TXD
Serial data output (3-wire serial I/O1)
SO2
P14/TXD2
Serial data output (3-wire serial I/O2)
SCK0
I/O
P32/SCL
Serial clock I/O (3-wire serial I/O0)
SCK1
P25/INTP4/ASCK
Serial clock I/O (3-wire serial I/O1)
SCK2
P12/ASCK2
Serial clock I/O (3-wire serial I/O2)
SCL
P32/SCK0
Serial clock I/O (2-wire serial I/O)
NMI
Input
P20
External interrupt request
-
INTP0
P21
• Input of a count clock for timer/counter 1
• Capture/trigger signal for CR11 or CR12
INTP1
P22
• Input of a count clock for timer/counter 2
• Capture/trigger signal for CR22
INTP2
P23/CI
• Input of a count clock for timer/counter 2
• Capture/trigger signal for CR21
INTP3
P24
• Input of a count clock for timer/counter 0
• Capture/trigger signal for CR02
INTP4
P25/ASCK/SCK1
-
INTP5
P26
Input of a conversion start trigger for A/D converter
AD0-AD7
I/O
-
Time multiplexing address/data bus (for connecting external memory)
A8-A15
Output
-
High-order address bus (for connecting external memory)
A16-A19
Output
P60-P63
High-order address bus during address expansion (for connecting external memory)
RD
Output
-
Strobe signal output for reading the contents of external memory
WR
Output
-
Strobe signal output for writing on external memory
WAIT
Input
P66/HLDRQ
Wait signal insertion
REFRQ
Output
P67/HLDAK
Refresh pulse output to external pseudo static memory
HLDRQ
Input
P66/WAIT
Input of bus hold request
HLDAK
Output
P67/REFRQ
Output of bus hold response
ASTB
Output
-
Latch timing output of time multiplexing address (A0-A7) (for
connecting external memory)
6.2
Non-Port Pins (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com