Electronic Components Datasheet Search
  English  ▼

X  

ES239 Datasheet(PDF) 32 Page - Cyrustek corporation

Part # ES239
Description  6000 Counts DMM / Inrush
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES239 Datasheet(HTML) 32 Page - Cyrustek corporation

Back Button ES239 Datasheet HTML 28Page - Cyrustek corporation ES239 Datasheet HTML 29Page - Cyrustek corporation ES239 Datasheet HTML 30Page - Cyrustek corporation ES239 Datasheet HTML 31Page - Cyrustek corporation ES239 Datasheet HTML 32Page - Cyrustek corporation ES239 Datasheet HTML 33Page - Cyrustek corporation ES239 Datasheet HTML 34Page - Cyrustek corporation ES239 Datasheet HTML 35Page - Cyrustek corporation ES239 Datasheet HTML 36Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
V 2.2
32
2015/12/15
ES239
6000 Counts DMM / Inrush
4.1.
LCD Panel
S01
S02
S03
S04
S05
S06
S07
S08
S09
S10
S11
S12
S13
S14
S15
BP1 SLB1
APO
SCAN AUTO Inrush
4F
4A
4B
HOLD
3F
3A
3B
Buz
2F
2A
BP2 SLB2 RS232 MAN
AC
Minus
4E
4G
4C
DP3
3E
3G
3C
DP2
2E
2G
BP3 SLB3 Danger
bar0
DC
bar3
bar5
4D
bar8
bar10
bar12
3D
bar15
bar17
bar19
2D
BP4
bar-
bar1
bar2
bar4
bar6
bar7
bar9
bar11
bar13
bar14
bar16
bar18
bar20
bar21
S16
S17
S18
S19
S20
S21
S22
S23
S24
S25
S26
S27
S28
S29
BP1
2B
Diode
1F
1A
1B
REL
LED
μ2
M
n
Vin
ADP0
BP2
2C
DP1
1E
1G
1C
MAX
℃
Full
m2
K
μ1
COM
ADP1
BP3 bar22
bar24
bar26
1D
bar29
MIN
℉
V
Ω
m1
mAin
ADP2
BP4 bar23
bar25
bar27
bar28
bar30
%
1K
A
Hz
F
Ain
ADP3
LCD Backplane Waveform
AUTO
DC
AC
APO
HOLD
SCAN
MANU
BP1
BP2
BP3
BP4
S13 S14
S15
S16
S17
S18
S19
S20
S26
S25
S23
S02
S01
S03
S04
S05
S06
S07
S08
S09
S10 S12
S11
RS232
MIN
MAX
M
Hz
V
A
F
m
m
n
K
S24
1K
F ull
10K
Inrush
%
S21
S27
BP1 BP2 BP3 BP4
S28
TEST ADP0 ADP1 ADP2 ADP3
S29
BP3
BP1
BP2
BP3
BP4
V- +3.1
V-
V- +3.1
V-
V- +3.1
V-
V- +3.1
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com