Electronic Components Datasheet Search
  English  ▼

X  

ES239 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES239
Description  6000 Counts DMM / Inrush
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES239 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES239 Datasheet HTML 4Page - Cyrustek corporation ES239 Datasheet HTML 5Page - Cyrustek corporation ES239 Datasheet HTML 6Page - Cyrustek corporation ES239 Datasheet HTML 7Page - Cyrustek corporation ES239 Datasheet HTML 8Page - Cyrustek corporation ES239 Datasheet HTML 9Page - Cyrustek corporation ES239 Datasheet HTML 10Page - Cyrustek corporation ES239 Datasheet HTML 11Page - Cyrustek corporation ES239 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
V 2.2
8
2015/12/15
ES239
6000 Counts DMM / Inrush
1.2.
Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage measurement
mode. 600.0mV range is independent and manual mode. It takes input signal from mVin pin. The
following table summarizes the Full-Scale ranges in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
Input Pin
VR1
600.0mV
1
-
mVin V.S. SGND
VR2
6.000V
1/10
VR2 (1.111MΩ)
VR1 V.S. SGND
VR3
60.00V
1/100
VR3 (101KΩ)
VR1 V.S. SGND
VR4
600.0V
1/1000
VR4 (10KΩ)
VR1 V.S. SGND
VR5
1000V
1/10000
VR5 (1KΩ)
VR1 V.S. SGND
The VST pin is used to control the voltage start range from 6.000V or 600.0V, refer to the table.
VST
V+
DGND
Floating
V-
Initial state
600.0V
6.000V
600.0V
6.000V
The ES239 provide two types of the hazardous live voltage warning by different condition.
SEL2
V+
DGND
Floating
V-
DCV
35V
70V
ACV
16V
33V
When the voltage measured exceeds the level defined, the buzzer generates 2KHz beep and
ALARM (pin 57) drive high output (V+ level) periodically. It can remind the user to notice the
hazardous voltage. The buzzer sound warning could be cancelled by DIS (pin94).
DIS
V+
DGND
Floating
V-
Buzzer
Disable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com