Electronic Components Datasheet Search
  English  ▼

X  

ES239 Datasheet(PDF) 22 Page - Cyrustek corporation

Part # ES239
Description  6000 Counts DMM / Inrush
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES239 Datasheet(HTML) 22 Page - Cyrustek corporation

Back Button ES239 Datasheet HTML 18Page - Cyrustek corporation ES239 Datasheet HTML 19Page - Cyrustek corporation ES239 Datasheet HTML 20Page - Cyrustek corporation ES239 Datasheet HTML 21Page - Cyrustek corporation ES239 Datasheet HTML 22Page - Cyrustek corporation ES239 Datasheet HTML 23Page - Cyrustek corporation ES239 Datasheet HTML 24Page - Cyrustek corporation ES239 Datasheet HTML 25Page - Cyrustek corporation ES239 Datasheet HTML 26Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
V 2.2
22
2015/12/15
ES239
6000 Counts DMM / Inrush
2.1.
Range
Push RANGE
1 key to switch from automatic to manual mode, and while in manual mode, changes
the full-scale range. The following figure shows the state transition.
Automatic
Mode
Manual
Mode
1 push < 1 sec
1 push > 1 sec
1 push < 1 sec
Range up
Measurement Mode
Auto
Manual
Control Range
Initial Range
V
VR2 – VR5
VRi
→ VRi + 1,
VR5
→ VR1
6.000V – 1000V
6.000V
2
Auto µA
R1 – R2
R1
→ R2,
R2
→ R1
600.0µA – 6000µA
600.0µA
Auto mA
R1-R2
R1
→ R2
R2
→ R1
60.00mA – 600.0mA
60.00mA
Auto A
R1-R2
R1
→ R2
R2
→ R1
6.000A – 10.00A
6.000A
Auto 60A/600A
(clamp)
R1-R2
R1
→ R2
R2
→ R1
60.00A – 600.0A
60.00A
Auto 600A/6000A
(clamp)
R1-R2
R1
→ R2
R2
→ R1
600.0A – 6000A
600.0A
Capacitance
C1 – C8
Ci
→ Ci + 1,
C8
→ C1
6.000nF– 60.00mF
6.000nF
Capacitance (Clamp)
C1 – C8
Ci
→ Ci + 1,
C8
→ C1
6.000nF– 60.00mF
6.000nF
Ω
OR0 – OR6
ORi
→ ORi + 1,
OR6
→ OR1
60.
00Ω – 60.00MΩ
60.
00Ω
Temp
T1-T2
T1T2
T2T1
600.0
oC~1350oC
600.0
oC
Frequency
FR1 – FR7
FRi
→ FRi + 1
FR7
→ FR1
600.0Hz – 60.00MHz
600.0Hz
Note:
1. Pushing RANGE resets all existing special modes except for VAHZ mode.
2. Initial range of voltage mode depends on VST pin configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com