Electronic Components Datasheet Search
  English  ▼

X  

ICPLM600 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ICPLM600
Description  High speed 10Mbit/s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLM600 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ICPLM600 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 24/02/2016
ICPLM600, ICPLM601, ICPLM611
ISOCOM
COMPONENTS
DC93193
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
50mA
Reverse Voltage
5V
Power dissipation
100mW
Output
Output Current
50mA
Output Voltage
7V
Supply Voltage
7V
Power Dissipation
85mW
Total Package
Isolation Voltage
3750VRMS
Total Power Dissipation
85mW
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
DESCRIPTION
The ICPLM600, ICPLM601 and ICPLM611 devices
each consists of an infrared emitting diode optically
coupled to a high speed integrated photo detector logic
gate with a strobable output.
These devices belong to Isocom Compact Range of
optocouplers.
FEATURES
•
High speed 10Mbit/s
•
Half Pitch 1.27mm
•
Common Mode Transient Immunity
20kV/μs min. (ICPLM611)
•
High AC Isolation Voltage 3750VRMS
•
Guaranteed Performance from -40°C to 85°C
•
Pb Free and RoHS Compliant
•
Safety Approvals Pending
APPLICATIONS
•
Line Receivers, Data Communication
•
LSTTL to TTL, LSTTL or 5V CMOS
•
Data Multiplexing
•
Pulse Transformer Replacement
•
Switch Mode Power Supplies
•
Ground Loop Elimination
•
Computer Peripheral Interface
ORDER INFORMATION
•
Available in Tape and Reel with 3000pcs
per reel.
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail sales@isocom.com.hk
1. Anode
3. Cathode
4. GND
5. Vout
6. Vcc
VCC must be bypassed by a A 0.1μF capacitor.


Similar Part No. - ICPLM600

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
2.5A Output Current, High CME Gate Drive Optocoupler
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0453 ISOCOM-ICPL0453 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0453SMT-R ISOCOM-ICPL0453SMT-R Datasheet
547Kb / 10P
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ICPL0500 ISOCOM-ICPL0500 Datasheet
547Kb / 10P
DESCRIPTION
More results

Similar Description - ICPLM600

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
High Speed 10MBit/s Logic Gate Optocouplers
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
ISOCOM COMPONENTS
ICPLW137 ISOCOM-ICPLW137 Datasheet
656Kb / 16P
High Speed 10Mbit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com