Electronic Components Datasheet Search
  English  ▼

X  

ICPLM600 Datasheet(PDF) 4 Page - ISOCOM COMPONENTS

Part # ICPLM600
Description  High speed 10Mbit/s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLM600 Datasheet(HTML) 4 Page - ISOCOM COMPONENTS

  ICPLM600 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 24/02/2016
ICPLM600, ICPLM601, ICPLM611
ISOCOM
COMPONENTS
DC93193
ELECTRICAL CHARACTERISTICS
Notes :
1. The VCC supply must be bypassed by a 0.1μF capacitor or larger with good high frequency characteristic and
should be connected as close as possible to the package VCC and GND pins.
2. tPLH – Propagation delay is measured from the 3.75mA level on the HIGH to LOW transition of the input current
pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse.
3. tPHL – Propagation delay is measured from the 3.75mA level on the LOW to HIGH transition of the input current
pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse.
4. tPSK ̶ The magnitude of the worst case difference in tPHL and/or tPLH that will be seen between devices at any
given temperature within the worst case operating condition range.
4 tr – Rise time is measured from the 10% to the 90% levels on the LOW to HIGH transition of the output pulse.
5. tf – Fall time is measured from the 90% to the 10% levels on the HIGH to LOW transition of the output pulse.
6. CMH – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the
HIGH state (i.e., VOUT > 2.0V).
7. CML – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the
LOW output state (i.e., VOUT < 0.8V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com