Electronic Components Datasheet Search
  English  ▼

X  

ICPLM600 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # ICPLM600
Description  High speed 10Mbit/s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLM600 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  ICPLM600 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLM600 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 24/02/2016
ICPLM600, ICPLM601, ICPLM611
ISOCOM
COMPONENTS
DC93193
ELECTRICAL CHARACTERISTICS (TA = -40°C to 85°C unless otherwise specified)
Switching Characteristics (TA = -40°C to 85°C, IF = 7.5mA, VCC = 5V unless otherwise specified)
* Typical values at TA = 25°C
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
Propagation Delay Time
to Logic Low
TPHL
RL = 350Ω, CL = 15pF,
TA = 25°C
41
100
ns
Propagation Delay Time
to Logic High
TPLH
RL = 350Ω, CL = 15pF,
TA = 25°C
50
100
ns
Pulse Width Distortion
|tPHL-tPLH|
RL = 350Ω, CL = 15pF
9
35
ns
Output Rise Time
tr
RL = 350Ω, CL = 15pF
40
ns
Output Fall Time
tf
RL = 350Ω, CL = 15pF
10
ns
Common Mode
Transient Immunity
at Logic High
CMH
ICPLM601
IF = 0mA, VOH = 2.0V,
RL = 350Ω,
VCM = 50Vp-p, TA = 25°C
5000
V/μs
ICPLM611
IF = 0mA, VOH = 2.0V,
RL = 350Ω,
VCM = 1kVp-p, TA = 25°C
20000
Common Mode
Transient Immunity
at Logic Low
CML
V/μs
ICPLM601
IF = 7.5mA, VOL = 0.8V,
RL = 350Ω,
VCM = 50Vp-p, TA = 25°C
5000
ICPLM611
IF = 7.5mA, VOL = 0.8V,
RL = 350Ω,
VCM = 1kVp-p, TA = 25°C
20000
ICPLM600
IF = 0mA, VOH = 2.0V,
RL = 350Ω,
VCM = 10Vp-p, TA = 25°C
1000
ICPLM600
IF = 7.5mA, VOL = 0.8V,
RL = 350Ω,
VCM = 10Vp-p, TA = 25°C
1000
Propagation Delay Skew
tPSK
RL = 350Ω, CL = 15pF
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com