Electronic Components Datasheet Search
  English  ▼

X  

ICPLW137 Datasheet(PDF) 9 Page - ISOCOM COMPONENTS

Part # ICPLW137
Description  High Speed 10Mbit/s
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW137 Datasheet(HTML) 9 Page - ISOCOM COMPONENTS

Back Button ICPLW137 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 9Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 10Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 11Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 12Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 13Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
DC93192
16/02/2016
ICPLW137, ICPLW2601, ICPLW2611
ISOCOM
COMPONENTS
NOTES :
- The VCC supply must be bypassed by a 0.1μF capacitor or larger with good high frequency characteristic and
should be connected as close as possible to the package VCC and GND pins.
- Enable Input – No pull up resistor required as the device has an internal pull up resistor.
- tPLH is measured from the 3.75mA level on the HIGH to LOW transition of the input current pulse to the 1.5 V
level on the LOW to HIGH transition of the output voltage pulse.
- tPHL is measured from the 3.75mA level on the LOW to HIGH transition of the input current pulse to the 1.5 V
level on the HIGH to LOW transition of the output voltage pulse.
- tr Rise time is measured from the 10% to the 90% levels on the LOW to HIGH transition of the output pulse.
- tf Fall time is measured from the 90% to the 10% levels on the HIGH to LOW transition of the output pulse.
- tELH is measured from the 1.5V level on the HIGH to LOW transition of the input Enable voltage pulse to the
1.5V level on the LOW to HIGH transition of the output voltage pulse.
- tEHL is measured from the 1.5V level on the LOW to HIGH transition of the input Enable voltage pulse to the
1.5V level on the HIGH to LOW transition of the output voltage pulse.
- CMH– The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the
HIGH state (i.e., VO > 2.0V).
- CML– The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the
LOW state (i.e., VO < 0.8V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com