Electronic Components Datasheet Search
  English  ▼

X  

ICPLW137 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # ICPLW137
Description  High Speed 10Mbit/s
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW137 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  ICPLW137 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
DC93192
16/02/2016
ICPLW137, ICPLW2601, ICPLW2611
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (TA = -40°C to +85°C unless otherwise specified)
COUPLED
Switching Characteristics (TA = -40°C to +85°C, VCC = 5V, IF = 7.5mA unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level
Output Current
IOH
VCC = 5.5V, VE = 2.0V,
VO = 5.5V, IF = 250μA
2.1
100
μA
Low Level
Output Voltage
VOL
VCC = 5.5V, VE = 2.0V,
IF = 5mA, IOL = 13mA
0.35
0.6
V
Input Threshold Current
IFT
VCC = 5.5V, VE = 2.0V,
VO = 0.6V, IOL = 13mA
3.0
5
mA
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Propagation Delay Time
to Output High Level
tPLH
CL = 15pF, RL = 350Ω,
TA = 25°C
35
100
ns
Propagation Delay Time
to Output Low level
tPHL
CL = 15pF, RL = 350Ω,
TA = 25°C
40
100
ns
Pulse Width Distortion
|tPHL-tPLH|
CL = 15pF, RL = 350Ω
5
40
ns
Output Rise Time
tr
CL = 15pF, RL = 350Ω
40
ns
Output Fall Time
tf
CL = 15pF, RL = 350Ω
10
ns
Enable Propagation
Delay Time to
Output High Level
tELH
15
ns
Enable Propagation
Delay Time to
Output Low Level
tEHL
15
ns
IF = 7.5mA, VEH = 3.5V,
CL = 15pF, RL = 350Ω
IF = 7.5mA, VEH = 3.5V,
CL = 15pF, RL = 350Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com