Electronic Components Datasheet Search
  English  ▼

X  

ICPLW137 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # ICPLW137
Description  High Speed 10Mbit/s
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW137 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  ICPLW137 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW137 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
DC93192
16/02/2016
ICPLW137, ICPLW2601, ICPLW2611
ISOCOM
COMPONENTS
Truth Table (Positive Logic)
ELECTRICAL CHARACTERISTICS (TA = -40°C to +85°C unless otherwise specified)
INPUT
OUTPUT
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 10mA
1.4
1.8
V
Reverse Voltage
VR
IR = 100µA, TA = 25°C
5.0
V
Temperature Coefficient
of Forward Voltage
ΔVF/ΔTA
IF = 10mA
-1.9
mV/°C
Input Capacitance
CIN
VF = 0V, f = 1MHz
70
pF
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level
Supply Current
ICCH
IF = 0mA, VE = 0.5V,
VCC = 5.5V
6.5
10
mA
IF = 10mA, VE = 0.5V,
VCC = 5.5V
8
13
VE = 2.0V, VCC = 5.5V
-0.6
-1.6
Low Level
Enable Current
IEL
VE = 0.5V, VCC = 5.5V
-0.8
-1.6
mA
High Level
Enable Voltage
VEH
IF = 10mA, VCC = 5.5V
2.0
IF = 10mA, VCC = 5.5V
0.8
V
Low Level
Supply Current
High Level
Enable Current
ICCL
IEH
mA
mA
VEL
Low Level
Enable Voltage
V
Input
Enable
Output
H
H
L
L
H
H
H
L
H
L
L
H
H
NC
L
L
NC
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com