Electronic Components Datasheet Search
  English  ▼

X  

TLE4726 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4726
Description  2-Phase Stepper-Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4726 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4726 Datasheet HTML 2Page - Infineon Technologies AG TLE4726 Datasheet HTML 3Page - Infineon Technologies AG TLE4726 Datasheet HTML 4Page - Infineon Technologies AG TLE4726 Datasheet HTML 5Page - Infineon Technologies AG TLE4726 Datasheet HTML 6Page - Infineon Technologies AG TLE4726 Datasheet HTML 7Page - Infineon Technologies AG TLE4726 Datasheet HTML 8Page - Infineon Technologies AG TLE4726 Datasheet HTML 9Page - Infineon Technologies AG TLE4726 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TLE 4726
Data Sheet
6
1999-09-15
Note: In the operating range, the functions given in the circuit description are fulfilled.
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
V
S
550
V
–
Logic supply voltage
V
L
4.5
6.5
V
without series
resistor
Case temperature
T
C
– 25
110
°C
measured on
pin 5
P
diss = 2 W
Output current
I
Q
– 800
800
mA
–
Logic inputs
V
IXX
– 5
V
L
V
I
XX ; Phase 1, 2;
Inhibit
Thermal Resistances
Junction ambient
Junction ambient (soldered on a
35
µm thick
20 cm2 PC boar
copper area)
Junction case
R
th ja
R
th ja
R
th jc
–
–
–
75
50
15
K/W
K/W
K/W
P-DSO-24-3
P-DSO-24-3
measured on
pin 5
P-DSO-24-3
Characteristics
V
S = 40 V; VL = 5 V; – 25 °C ≤ Tj ≤ 125 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Current Consumption
from +
V
S
from +
V
S
from +
V
L
from +
V
L
I
S
I
S
I
L
I
L
–
–
–
–
0.2
16
1.7
18
0.5
20
3
25
mA
mA
mA
mA
V
inh = L
V
inh = H
I
Q1/2 = 0, IXX = L
V
inh = L
V
inh = H
I
Q1/2 = 0, IXX = L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com