Electronic Components Datasheet Search
  English  ▼

X  

TLE4726 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4726
Description  2-Phase Stepper-Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4726 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4726 Datasheet HTML 15Page - Infineon Technologies AG TLE4726 Datasheet HTML 16Page - Infineon Technologies AG TLE4726 Datasheet HTML 17Page - Infineon Technologies AG TLE4726 Datasheet HTML 18Page - Infineon Technologies AG TLE4726 Datasheet HTML 19Page - Infineon Technologies AG TLE4726 Datasheet HTML 20Page - Infineon Technologies AG TLE4726 Datasheet HTML 21Page - Infineon Technologies AG TLE4726 Datasheet HTML 22Page - Infineon Technologies AG TLE4726 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TLE 4726
Data Sheet
19
1999-09-15
Calculation of Power Dissipation
The total power dissipation
P
tot is made up of
saturation losses
P
sat
(transistor saturation voltage and diode forward voltages),
quiescent losses
P
q
(quiescent current times supply voltage) and
switching losses
P
s
(turn-ON / turn-OFF operations).
The following equations give the power dissipation for chopper operation without phase
reversal. This is the worst case, because full current flows for the entire time and
switching losses occur in addition.
P
tot = 2 × Psat + Pq + 2 × Ps
where
P
sat ≅ IN { Vsatl × d + VFu (1 – d ) + VsatuC × d + VsatuD (1 – d ) }
P
q = Iq × VS + IL × VL
I
N
= nominal current (mean value)
I
q
= quiescent current
i
D
= reverse current during turn-on delay
i
R
= peak reverse current
t
p
= conducting time of chopper transistor
t
ON
= turn-ON time
t
OFF
= turn-OFF time
t
DON
= turn-ON delay
t
DOFF
= turn-OFF delay
T
= cycle duration
d
= duty cycle
tp/T
V
satl
= saturation voltage of sink transistor (T3, T4)
V
satuC
= saturation voltage of source transistor (T1, T2) during charge cycle
V
satuD
= saturation voltage of source transistor (T1, T2) during discharge cycle
V
Fu
= forward voltage of free-wheeling diode (D1, D2)
V
S
= supply voltage
V
L
= logic supply voltage
I
L
= current from logic supply
PS
V S
T
------
i
D
t
DON
×
2
----------------------
i
D
i
R
+
t
ON
×
4
------------------------------
IN
2
-----t
DOFF
t
OFF
+
++



≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com