Electronic Components Datasheet Search
  English  ▼

X  

TLE4726 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4726
Description  2-Phase Stepper-Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4726 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4726 Datasheet HTML 4Page - Infineon Technologies AG TLE4726 Datasheet HTML 5Page - Infineon Technologies AG TLE4726 Datasheet HTML 6Page - Infineon Technologies AG TLE4726 Datasheet HTML 7Page - Infineon Technologies AG TLE4726 Datasheet HTML 8Page - Infineon Technologies AG TLE4726 Datasheet HTML 9Page - Infineon Technologies AG TLE4726 Datasheet HTML 10Page - Infineon Technologies AG TLE4726 Datasheet HTML 11Page - Infineon Technologies AG TLE4726 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TLE 4726
Data Sheet
8
1999-09-15
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A =25 °C and
the given supply voltage.
Power Outputs
Diode Transistor Sink Pair
(D13, T13; D14, T14; D23, T23; D24, T24)
Saturation voltage
Saturation voltage
Reverse current
Forward voltage
Forward voltage
V
satl
V
satl
I
Rl
V
Fl
V
Fl
–
–
–
–
–
0.3
0.5
–
0.9
1
0.6
1
300
1.3
1.4
V
V
µA
V
V
I
Q = – 0.5 A
I
Q = – 0.75 A
V
Q = 40 V
I
Q = 0.5 A
I
Q = 0.75 A
Diode Transistor Source Pair
(D11, T11; D12, T12; D21, T21; D22, T22)
Saturation voltage
Saturation voltage
Saturation voltage
Saturation voltage
Reverse current
Forward voltage
Forward voltage
Diode leakage current
V
satuC
V
satuD
V
satuC
V
satuD
I
Ru
V
Fu
V
Fu
I
SL
–
–
–
–
–
–
–
–
0.9
0.3
1.1
0.5
–
1
1.1
1
1.2
0.7
1.4
1
300
1.3
1.4
2
V
V
V
V
µA
V
V
mA
I
Q = 0.5 A;
charge
I
Q = 0.5 A;
discharge
I
Q = 0.75 A;
charge
I
Q = 0.75 A;
discharge
V
Q = 0 V
I
Q = – 0.5 A
I
Q = – 0.75 A
I
F = – 0.75 A
Characteristics (cont’d)
V
S = 40 V; VL = 5 V; – 25 °C ≤ Tj ≤ 125 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com