Electronic Components Datasheet Search
  English  ▼

X  

S-80717AL Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part # S-80717AL
Description  HIGH-PRECISION VOLTAGE DETECTOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80717AL Datasheet(HTML) 39 Page - Seiko Instruments Inc

Back Button S-80717AL Datasheet HTML 34Page - Seiko Instruments Inc S-80717AL Datasheet HTML 35Page - Seiko Instruments Inc S-80717AL Datasheet HTML 36Page - Seiko Instruments Inc S-80717AL Datasheet HTML 37Page - Seiko Instruments Inc S-80717AL Datasheet HTML 38Page - Seiko Instruments Inc S-80717AL Datasheet HTML 39Page - Seiko Instruments Inc S-80717AL Datasheet HTML 40Page - Seiko Instruments Inc S-80717AL Datasheet HTML 41Page - Seiko Instruments Inc S-80717AL Datasheet HTML 42Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
38
Seiko Instruments Inc.
2. Power-on reset circuit
The Nch open-drain output products of the S-807 Series can be used to construct a power-on reset circuit. Following is an
example
.
Di
(Nch open-drain products)
R
OUT
VIN
VSS
VDD
S-807XX
AN/SN
C
+
-
Figure 28
VDD
(V)
t (s)
OUT
(V)
t (s)
Note 1: R should be 7.5k
Ω or less for purpose of protection against oscillation.
Note 2: “Di” momentarily discharges the charge received via “C” at the falling edge of power off. There
is no need to insert a diode, when there is no conflict with application circuit even if there is a
delay in the falling edge of OUT at the falling edge of power off.
Note 3: When there is a sharp rise in power, the output voltage may go “H” momentarily in unstable range of
the output voltage (the output voltage is unstable below the minimum operating voltage) .
VDD
(V)
t (s)
OUT
(V)
t (s)
Figure 27
(R
≤7.5kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com