Electronic Components Datasheet Search
  English  ▼

X  

S-80717AL Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-80717AL
Description  HIGH-PRECISION VOLTAGE DETECTOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80717AL Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-80717AL Datasheet HTML 2Page - Seiko Instruments Inc S-80717AL Datasheet HTML 3Page - Seiko Instruments Inc S-80717AL Datasheet HTML 4Page - Seiko Instruments Inc S-80717AL Datasheet HTML 5Page - Seiko Instruments Inc S-80717AL Datasheet HTML 6Page - Seiko Instruments Inc S-80717AL Datasheet HTML 7Page - Seiko Instruments Inc S-80717AL Datasheet HTML 8Page - Seiko Instruments Inc S-80717AL Datasheet HTML 9Page - Seiko Instruments Inc S-80717AL Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
Seiko Instruments Inc.
5

 Advantage over the S-805 Series
The S-807 Series, in comparison with conventional reset ICs such as the S-805 Series, offers greater detection voltage precision
(twice that of conventional units) and lower current consumption (half that of conventional units). These characteristics result in
the following advantages over conventional units.
1. Advantages of greater detection voltage precision
1.1 Detecting lithium battery service life
The discharge characteristics of lithium batteries are
shown in Figure 4. When using the S-805 Series,
the service life can be detected over t1. When
using the S-807 Series, it can be detected over t2.
This improvement in detection precision of the S-
807 Series means that batteries can be used over
more of their service life.
1.2 Detecting a power voltage at two points
It is usual for the CPU to detect the power voltage
at two points, one to caution and the other to reset.
The service life of battery may also be detected at
two points, one to caution and the other to request
immediate replacement.
Two voltage values to be detected (No. 1 and No.
2) do not cross and the voltage can be detected
correctly.
1.3 Voltage drop when modifying detection voltage
If no voltage to be detected is suitable, the voltage
can be set higher in Nch open-drain output
products by using a resistor divider. (Example :
when detecting 6V or 9V.)
When 8V is detected using the S-8054HN (a
4V
±5% device), the -Vdet tolerance becomes
2
×4.00×±0.05=0.8V (R1=R2). In constrast, the S-
80740AN (a 4V
±2.4% device) can hold down the
tolerance to 2
×4.00×±0.024=0.384V (R1=R2).
Must be close
V
t
No. 2
No. 1
Figure 5
t1
S-807
S-805
V
t
Figure 4
t2
R2
R1
Figure 6
Nch open-drain
output product
S-807
XXAN/SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com