Electronic Components Datasheet Search
  English  ▼

X  

S-80717AL Datasheet(PDF) 40 Page - Seiko Instruments Inc

Part # S-80717AL
Description  HIGH-PRECISION VOLTAGE DETECTOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80717AL Datasheet(HTML) 40 Page - Seiko Instruments Inc

Back Button S-80717AL Datasheet HTML 34Page - Seiko Instruments Inc S-80717AL Datasheet HTML 35Page - Seiko Instruments Inc S-80717AL Datasheet HTML 36Page - Seiko Instruments Inc S-80717AL Datasheet HTML 37Page - Seiko Instruments Inc S-80717AL Datasheet HTML 38Page - Seiko Instruments Inc S-80717AL Datasheet HTML 39Page - Seiko Instruments Inc S-80717AL Datasheet HTML 40Page - Seiko Instruments Inc S-80717AL Datasheet HTML 41Page - Seiko Instruments Inc S-80717AL Datasheet HTML 42Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
Seiko Instruments Inc.
39
3. Change of detection voltage
In Nch open-drain output products of the S-807 Series, detection voltage can be changed with resistance dividers or diodes
as shown in Figures 29 and 30. In Figure 29, hysteresis width is also changed.

 Notes
• In CMOS output products of S-807 Series, high through current flows when detecting or releasing. If a high impedance is
connected to the input, oscillation may be caused by the through current when lowering the voltage during releasing.
• In TO-92 products, since there are projections and resin burrs on the roots of the lead terminals formed at the Tiebar-cut, do
not solder to them.
• When designing for mass production using an application circuit described here, take into account the deviation of
components and temperature characteristics.
• Seiko Instruments Inc. cannot take any responsibility for the patents on the circuits described here.
Detection voltage=Vf1+Vf2+-VDET
Figure 30
Figure 29
RB
RA
OUT
VIN
VS
VDD
S-
807XX
AN/SN
+
-
(Nch open-drain
products)
(RA
≤7.5kΩ)
Vf2
Vf1
OUT
VIN
VSS
VDD
S-
807XX
AN/SN
(Nch open-drain
products)
Figure 29
Detection voltage=
Hysteresis width=
•-V
DET
RA+RB
RB
•-V
HYS
RA+RB
RB
Note 1: The hysteresis width will be a little
wider than the value of the formula
above, because of the through current,
if RA and RB are larger.
Note 2: RA should be 7.5k
Ω or less for
purpose of protection against
oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com