Electronic Components Datasheet Search
  English  ▼

X  

1060821 Datasheet(PDF) 2 Page - SICK AG

Part # 1060821
Description  2D LASER SCANNERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060821 Datasheet(HTML) 2 Page - SICK AG

  1060821 Datasheet HTML 1Page - SICK AG 1060821 Datasheet HTML 2Page - SICK AG 1060821 Datasheet HTML 3Page - SICK AG 1060821 Datasheet HTML 4Page - SICK AG 1060821 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
NAV340-3232 | NAV3xx
2D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
NAV340-3232
1060821
Other models and accessories
www.sick.com/NAV3xx
Detailed technical data
Features
Version
Long Range
Field of application
Indoor
Light source
905 nm
Laser class
1, eye-safe
Aperture angle
360°
Scanning frequency
8 Hz, ± 5 %
Angular resolution
0.25°
Operating range
0.5 m ... 250 m (0.5 m ... 70 m on reflectors)
Max. range with 10 % reflectivity
35 m
Performance
Detectable object shape
Almost any
Systematic error
± 10 mm (RDI) 1)
± 15 mm (Contour) 1)
Statistical error
15 mm (Contour) 1)
1) Typical value; actual value depends on environmental conditions.
Interfaces
Serial (RS-232)
✔
Data transmission rate 19.2 kBaud ... 115 kBaud
Ethernet
✔
Data transmission rate 100 Mbit/s
Protocol TCP/IP
Switching outputs
1 (digital)
Optical indicators
4 LEDs (status displays)
Mechanics/electronics
Electrical connection
3 x M12 male connector/female connector



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com