Electronic Components Datasheet Search
  English  ▼

X  

1060821 Datasheet(PDF) 4 Page - SICK AG

Part # 1060821
Description  2D LASER SCANNERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060821 Datasheet(HTML) 4 Page - SICK AG

  1060821 Datasheet HTML 1Page - SICK AG 1060821 Datasheet HTML 2Page - SICK AG 1060821 Datasheet HTML 3Page - SICK AG 1060821 Datasheet HTML 4Page - SICK AG 1060821 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
NAV340-3232 | NAV3xx
2D LASER SCANNERS
4
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Operating range diagram
0
Scanning range in m (ft)
–200
(–656.17)
200
(656.17)
–300
(–984.25)
300
(984.25)
–100
(–328.08)
100
(328.08)
Scanning range in m (ft)
–100
(–328.08)
100
(328.08)
300
(984.25)
–300
(–984.25)
0
Scanning range max. 250 m (820.21 ft)
360°
Scanning range for objects up to
10 % remission 35 m (114.83 ft)
Scanning range on reflector 70 m (229.66 ft)
Recommended accessories
Other models and accessories
www.sick.com/NAV3xx
Brief description
Type
Part no.
Plug connectors and cables
Head A: male connector, M12, 5-pin, straight
Head B: cable
Cable: shielded, 5 m
Connecting ca-
ble (female con-
nector - open)
6043440
Head A: female connector, M12, 8-pin, straight, A-coded
Head B: cable
Cable: RS-232, RS-422, shielded, 5 m
Connecting ca-
ble (female con-
nector - open)
6036153
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, drag chain use, PUR, shielded, 5 m
SSL-2J04-G05ME
6034415
Reflectors
Reflective tape "Diamond Grade", self-adhesive, sheet, 749 mm x 914 mm, self-adhe-
sive
REF-DG
5320565
Test and monitoring tools
Scan finder, receiver to localize infrared scans
Scan-Finder LS-80A
6020756



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com