Electronic Components Datasheet Search
  English  ▼

X  

1060821 Datasheet(PDF) 3 Page - SICK AG

Part # 1060821
Description  2D LASER SCANNERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060821 Datasheet(HTML) 3 Page - SICK AG

  1060821 Datasheet HTML 1Page - SICK AG 1060821 Datasheet HTML 2Page - SICK AG 1060821 Datasheet HTML 3Page - SICK AG 1060821 Datasheet HTML 4Page - SICK AG 1060821 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NAV340-3232 | NAV3xx
2D LASER SCANNERS
2016-03-19 03:20:07 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
3
Operating voltage
24 V DC, ± 15 %
Power consumption
36 W
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Enclosure rating
IP 65
Protection class
III
Weight
2.4 kg
Dimensions (L x W x H)
115 mm x 120.5 mm x 222 mm
Ambient data
Ambient operating temperature
0 °C ... +50 °C
Storage temperature
–20 °C ... +80 °C
Permissible relative humidity
85 %, Non-condensing
Reflector marks (recommended)
Stripes: width ≥ 80 mm, cylindrical: diameter ≥ 80 mm
General notes
Note on use
Not suitable for personnel protection
Dimensional drawing (Dimensions in mm (inch))
8
1
2
3
4
7
7
6
5
8
9
9
41
(1.61)
3
(0.12)
3
(0.12)
1
(0.04)
40.5
(1.59)
28
(1.10)
88 (3.46)
3 x M6 x 12
2 x M6 x 12
3 x M6 x 12
Ø 4 x 6
(0.16 x 0.24)
120 (4.72)
103 (4.06)
Ø 115 (4.53)
94 (3.70)
26
(1.02)
①  Optical axis
②  Zero level
③  LED (from top: yellow, yellow, green, red)
④  Mounting hole M6 x 12
⑤  Rotating diameter
⑥  Aligning pin
⑦  RS-232 connection (M12 x 8, male connector)
⑧  Ethernet connection (M12 x 4, female connector)
⑨  Power supply connection (M12 x 5. male connector)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com