Electronic Components Datasheet Search
  English  ▼

X  

SP3222EU Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3222EU
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EU Datasheet(HTML) 1 Page - Sipex Corporation

  SP3222EU Datasheet HTML 1Page - Sipex Corporation SP3222EU Datasheet HTML 2Page - Sipex Corporation SP3222EU Datasheet HTML 3Page - Sipex Corporation SP3222EU Datasheet HTML 4Page - Sipex Corporation SP3222EU Datasheet HTML 5Page - Sipex Corporation SP3222EU Datasheet HTML 6Page - Sipex Corporation SP3222EU Datasheet HTML 7Page - Sipex Corporation SP3222EU Datasheet HTML 8Page - Sipex Corporation SP3222EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000Kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
3.3V, 1000 Kbps RS-232 Transceivers
SP3222EU/3232EU
DESCRIPTION
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA - 232 and
adheres to EIA/TIA - 562 down to a +2.7V
power source
■ 1µA Low-Power Shutdown with Receivers
Active (SP3222EU)
■ Enhanced ESD Specifications:
±15kV Human Body Model
±15kV IEC1000-4-2 Air Discharge
±8kV IEC1000-4-2 Contact Discharge
■ 1000 kbps Minimum Transmission Rate
■ Ideal for Handheld, Battery Operated
Applications
SELECTION TABLE
®
L
E
D
O
Ms
e
i
l
p
p
u
S
r
e
w
o
P
2
3
2
-
S
R
s
r
e
v
i
r
D
2
3
2
-
S
R
s
r
e
v
i
e
c
e
R
l
a
n
r
e
t
x
E
s
t
n
e
n
o
p
m
o
C
n
w
o
d
t
u
h
S
L
T
T
e
t
a
t
S
-
3
f
o
.
o
N
s
n
i
P
U
E
2
2
2
3
P
S
V
5
.
5
+
o
t
V
0
.
3
+2
2
4
s
e
Ys
e
Y0
2
,
8
1
U
E
2
3
2
3
P
S
V
5
.
5
+
o
t
V
0
.
3
+2
2
4
o
No
N6
1
The SP3222EU and the SP3232EU are 2 driver, 2 receiver RS-232 transceiver solutions
intended for portable or hand-held applications such as notebook or palmtop computers.
Their data transmission rate of 1000 kbps meets the demands of high speed RS-232
applications. Both ICs have a high-efficiency, charge-pump power supply that requires
only 0.1µF capacitors in 3.3V operation. This charge pump allows the SP3222EU and the
3232EU to deliver true RS-232 performance from a single power supply ranging from
+3.0V to +5.5V. The ESD tolerance of the SP3222EU/3232EU devices are over ±15kV
for both Human Body Model and IEC1000-4-2 Air discharge test methods.
The SP3222EU device has a low-power shutdown mode where the devices' driver
outputs and charge pumps are disabled. During shutdown, the supply current falls to less
than 1uA.


Similar Part No. - SP3222EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
3.3V, 1000 kbps RS-232 Transceivers
logo
Sipex Corporation
SP3222EUCA SIPEX-SP3222EUCA Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3222EUCA/TR SIPEX-SP3222EUCA/TR Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3222EUCP SIPEX-SP3222EUCP Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
More results

Similar Description - SP3222EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
3.3V, 1000 kbps RS-232 Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com