Electronic Components Datasheet Search
  English  ▼

X  

SP3222EU Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3222EU
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EU Datasheet(HTML) 3 Page - Sipex Corporation

  SP3222EU Datasheet HTML 1Page - Sipex Corporation SP3222EU Datasheet HTML 2Page - Sipex Corporation SP3222EU Datasheet HTML 3Page - Sipex Corporation SP3222EU Datasheet HTML 4Page - Sipex Corporation SP3222EU Datasheet HTML 5Page - Sipex Corporation SP3222EU Datasheet HTML 6Page - Sipex Corporation SP3222EU Datasheet HTML 7Page - Sipex Corporation SP3222EU Datasheet HTML 8Page - Sipex Corporation SP3222EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000Kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
SPECIFICATIONS (continued)
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX , C1 to
C
4=0.1µF. Typical Values apply at VCC = +3.3V or +5.5V and TAMB = 25
oC.
NOTE 2: Driver input hysteresis is typically 250mV.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RECEIVER INPUTS
Input Voltage Range
-25
+25
V
Input Threshold LOW
0.6
1.2
V
VCC=3.3V
0.8
1.5
V
VCC=5.0V
Input Threshold HIGH
1.5
2.4
V
VCC=3.3V
1.8
2.4
V
VCC=5.0V
Input Hysteresis
0.3
V
Input Resistance
3
5
7
kΩ
TIMING CHARACTERISTICS
Maximum Data Rate
1000
kbps
RL=3kΩ, CL=250pF, one driver
switching
Receiver Propagation Delay
0.15
µstPHL, RxIN to RxOUT, CL=150pF
0.15
tPLH, RxIN to RxOUT, CL=150pF
Receiver Output Enable Time
200
ns
Receiver Output Disable Time
200
ns
Driver Skew
100
ns
| tPHL - tPLH |, TAMB = 25°C
Receiver Skew
50
ns
| tPHL - tPLH |
Transition-Region Slew Rate
90
V/µsVCC = 3.3V, RL = 3KΩ, TAMB = 25°C,
measurements taken from -3.0V to
+3.0V or +3.0V to -3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com