Electronic Components Datasheet Search
  English  ▼

X  

SP3222EU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3222EU
Description  3.3V, 1000 Kbps RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EU Datasheet(HTML) 4 Page - Sipex Corporation

  SP3222EU Datasheet HTML 1Page - Sipex Corporation SP3222EU Datasheet HTML 2Page - Sipex Corporation SP3222EU Datasheet HTML 3Page - Sipex Corporation SP3222EU Datasheet HTML 4Page - Sipex Corporation SP3222EU Datasheet HTML 5Page - Sipex Corporation SP3222EU Datasheet HTML 6Page - Sipex Corporation SP3222EU Datasheet HTML 7Page - Sipex Corporation SP3222EU Datasheet HTML 8Page - Sipex Corporation SP3222EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
4
Figure 1. Transmitter Output Voltage vs Load
Capacitance for the SP3222EU and the SP3232EU
Figure 2. Slew Rate vs Load Capacitance for the
SP3222EU and the SP3232EU
Figure 3. Supply Current vs Load Capacitance when
Transmitting Data for the SP3222EU and the SP3232EU
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 1000kbps data rates, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
0
250
500
1000
1500
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
T1 at 1Mbps
T2 at 62.5Kbps
0
250
500
1000
1500
2000
Load Capacitance (pF)
120
100
80
60
40
20
0
T1 at 1Mbps
T2 at 62.5Kbps
All TX loaded 3K // CLoad
0
250
500
1000
1500
Load Capacitance (pF)
35
30
20
15
10
5
0
T1 at 1Mbps
T2 at 62.5Kbps
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
20
15
10
5
0
T1 at Mbps
T2 at 62.5Kbps
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
6
4
2
0
-2
-4
-6
T1 at 1Mbps
T2 at 62.5Kbps
0
250
500
1000
1500
2000
200
150
100
50
0
Load Capacitance (pF)
T1 at 500Kbps
T2 at 31.2Kbps
All TX loaded 3K // CLoad
Figure 4. Supply Current vs Supply Voltage for the
SP3222EU and the SP3232EU
Figure 5. Transmitter Output Voltage vs Supply Voltage
for the SP3222EU and the SP3232EU
Figure 6. Transmitter Skew vs Load Capacitance for the
SP3222EU and the SP3232EU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com