Electronic Components Datasheet Search
  English  ▼

X  

M02015 Datasheet(PDF) 18 Page - M/A-COM Technology Solutions, Inc.

Part # M02015
Description  Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02015 Datasheet(HTML) 18 Page - M/A-COM Technology Solutions, Inc.

Back Button M02015 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02015
18
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Optic Networks up to 2.5 Gbps
Rev V6
3.0 Functional Description
3.1
Overview
The M02015 is a CMOS transimpedance amplifier with AGC. The AGC gives a wide dynamic range of 32 dB. The
high transimpedance gain of 9.0 k
Ω ensures good sensitivity.
For optimum system performance, the M02015 die should be mounted with a GaAs or InGaAs PIN photodetector
inside a lensed TO-Can or other optical sub-assembly.
The M02015 can either bias the PIN diode from the internal regulator or use an externally biased PIN diode.
A replica of the average photodiode current is available at the MON pad for photo-alignment and Receive Power
monitoring (SFF-8472 compliant).
Figure 3-1.
M02015 Block Diagram
DC
Restore
Phase
Splitter
AGC
PINA
PINK
MON
DOUT
DOUT
2.6 V
1 V
DC Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com