Electronic Components Datasheet Search
  English  ▼

X  

M02015 Datasheet(PDF) 28 Page - M/A-COM Technology Solutions, Inc.

Part # M02015
Description  Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02015 Datasheet(HTML) 28 Page - M/A-COM Technology Solutions, Inc.

Back Button M02015 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02015
28
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Optic Networks up to 2.5 Gbps
Rev V6
5.0 Die Specification
Figure 5-1.
Bare Die Layout
Pad
Number
Pad
X
Y
1
AGC
-329
-76
2 (1)
VCC
-329
-228
3
PINK
-124
-434
4
PINA
124
-434
5 (1)
VCC
329
-228
6MON
329
-76
7
DOUT
329
76
8 (1)
DOUTGND
329
228
9c (1, 2)
GND
329
360
9b (1, 2)
GND
255
434
9a (1, 2)
GND
124
434
10a (1, 2)
GND
-124
434
10b (1, 2)
GND
-255
434
10c (1, 2)
GND
-329
360
11 (1)
DOUTGND
-329
228
12
DOUT
-329
76
NOTES:
1.
It is only necessary to bond one VCC pad and one
GND pad. However, bonding one of each pad (if
available) on each side of the die is encouraged
for improved performance in noisy environ-
ments.
2.
Each location is an acceptable bonding location.
Notes:
Process technology: CMOS, Silicon Nitride passivation
Die thickness: 300 µm
Pad metallization: Aluminium
Die size: 880 µm x 1090
Pad opening (except PinA): 86 µm across flat sides
PinA pad: 70 µm across flat sides (70 µm x 70 µm)
Pad Centers in µm referenced to center of device
Connect backside bias to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com