Electronic Components Datasheet Search
  English  ▼

X  

M02015 Datasheet(PDF) 22 Page - M/A-COM Technology Solutions, Inc.

Part # M02015
Description  Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02015 Datasheet(HTML) 22 Page - M/A-COM Technology Solutions, Inc.

Back Button M02015 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
M02015
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
22
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Optic Networks up to 2.5 Gbps
Rev V6
4.3
TO-Can Layout
Figure 4-2.
Typical Layout Diagram with Photodiode Mounted on PINK Capacitor (5 pin TO-Can)
Notes:
Typical application inside of a 5 lead TO-Can.
Only one of the VCC pads and one of the GND pads need to be connected (though in noisy environments two or
more GND pads connected may improve performance). The backside must be connected to the lowest
potential, usually ground, with conductive epoxy or a similar die attach material. If a monitor output is not
required then a 4 lead TO-Can may be used.
GND
GND
VCC
MON
DOUT
DOUTB
1nF
470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com