Electronic Components Datasheet Search
  English  ▼

X  

M02006 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02006
Description  CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02006 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02006 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M02006
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
11
CMOS Pre-amplifier with AGC for Long-reach
155 Mbps Fiber-optics Based Transmitter
Rev V4
4.3
Layout Considerations
Use good high-frequency design and layout techniques, taking care to bypass VCC over the frequencies to several
hundred MHz. When using die, take care to minimise bond-wire length, especially for the PIN A and Gnd pads. A
typical TO-can assembly is shown in Figure 4-3.
Figure 4-3.
Typical TO-can Assembly
Gnd
V
CC
D
OUT
D
OUT
47 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com