Electronic Components Datasheet Search
  English  ▼

X  

M02006 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02006
Description  CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02006 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M02006
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
2
CMOS Pre-amplifier with AGC for Long-reach
155 Mbps Fiber-optics Based Transmitter
Rev V4
Ordering Information
Part
Pin-package
M02006E-DIE (1)
Available in waffle pack, whole wafer on a grip ring and one-quarter wafer
M02006F-DIE (2)
Available in waffle pack, whole wafer on a grip ring and one-quarter wafer
NOTES:
1.
M02006E transimpedance limits are 60k
Ω to 88kΩ
2.
M02006F transimpedance limits are 88k
Ω to 110kΩ
Revision History
Revision
Level
Date
Description
V4
Release
May 2015
Updated logos and page layout. No content changes.
C (V3)
Release
August 2010
Changed the max Icc from 35 mA to 38 mA (Table 1-2).
Corrected the Max/Min columns on Table 1-3. Added new ordering information. Remove
package information since device is die sales only.
B (V2)
Release
June 2006
Updated format.
Updated Absolute Maximum Ratings.
Added TIA Use with Externally Biased Detectors section.
A (V1)
Release
February 2002
Initial Release.
Top Level Diagram
VCC
DOUT
GND
PINK
PINA
GND
VCC
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com