Electronic Components Datasheet Search
  English  ▼

X  

M02006 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M02006
Description  CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02006 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M02006 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
M02006
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
13
CMOS Pre-amplifier with AGC for Long-reach
155 Mbps Fiber-optics Based Transmitter
Rev V4
In the positive direction after about 700 mV, the impedance of the input is relatively high. After the TIA is turned on,
the DC servo and AGC circuits attempt to null any input currents (up to the absolute maximum stated in the device
table) as shown by the I/V curve in Figure 4-5.
It can be seen that any negative voltage below 200 mV is nulled and that any positive going voltage above the
PINA standing voltage is nulled by the DC servo. The DC servo upper bandwidth varies from part to part, but is
generally at least 10 kHz.
When externally biasing a detector such as an APD with a voltage in the 30-80V range, care should be taken to
power up the TIA first and to keep the TIA powered up until after the power supply voltage on the APD is removed.
Failure to do this with the TIA unpowered may result in damage to the input FET gate at PINA. In some cases the
damage may be very subtle, in that nearly normal operation may be experienced with the damage causing slight
reductions in bandwidth, and corresponding reductions in input sensitivity.
4.4.1
Treatment of PINK
PINK still requires bypassing to ground with a high quality 220-1000 pf (470 pf recommended) capacitor, even with
no other connection to it. The capacitor stabilizes the internal voltage regulator of the TIA.
Figure 4-5.
TIA Use with Externally Biased Detectors, Powered On
PINA biased
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-300
-200
-100
0
100
200
300
400
500
600
700
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com