Electronic Components Datasheet Search
  English  ▼

X  

SP6642EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6642EB
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6642EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6642EB Datasheet HTML 1Page - Sipex Corporation SP6642EB Datasheet HTML 2Page - Sipex Corporation SP6642EB Datasheet HTML 3Page - Sipex Corporation SP6642EB Datasheet HTML 4Page - Sipex Corporation SP6642EB Datasheet HTML 5Page - Sipex Corporation SP6642EB Datasheet HTML 6Page - Sipex Corporation SP6642EB Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SP6642EB/03
SP6642/3 Evaluation Board Manual
© Copyright 2000 Sipex Corporation
1
The SP6642/3 Evaluation Board is designed to help the user evaluate the performance of
the SP6642/3 for use as a single cell battery input to 2V to 5V output DC-DC Converter.
The SP6642/3 starts up from V
IN > 0.75V and when started accepts input voltages much less
than +0.75V to as high as +1.65V and produces a regulated +3.3V output at up to 20mA.
With very low quiescent current of 1.5
µA at V
BATTERY, and up to 85% power efficiency, the
SP6642/3 provides maximum battery life for portable applications.
The evaluation board is a completely assembled and tested surface mount board which
provides easy probe access points to all SP6642/3 Inputs and Outputs so that the user can
quickly connect and measure electrical characteristics and waveforms.
DESCRIPTION
s Easy Evaluation for the
SP6642/3 Single Cell to
2V to 5V Converter
s Only 0.37 sq. in. of Board
Space needed for DC-DC
Converter Circuit
s High Efficiency: 83%
s 0.75V Start-Up Voltage
s Extremely Small
µSOIC Package
s Pin-to-pin Compatible
with MAX1642/3
s Connects easily to AAA Battery or
Standard Power Supply Terminals
SP6642/3
Evaluation Board Manual
®


Similar Part No. - SP6642EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642EU SIPEX-SP6642EU Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642EU SIPEX-SP6642EU Datasheet
47Kb / 4P
Application Note:High Current Output
More results

Similar Description - SP6642EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com