Electronic Components Datasheet Search
  English  ▼

X  

SP6642EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6642EB
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6642EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP6642EB Datasheet HTML 1Page - Sipex Corporation SP6642EB Datasheet HTML 2Page - Sipex Corporation SP6642EB Datasheet HTML 3Page - Sipex Corporation SP6642EB Datasheet HTML 4Page - Sipex Corporation SP6642EB Datasheet HTML 5Page - Sipex Corporation SP6642EB Datasheet HTML 6Page - Sipex Corporation SP6642EB Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SP6642EB/03
SP6642/3 Evaluation Board Manual
© Copyright 2000 Sipex Corporation
3
PFO – U1-3 – SP6642 or U1-4 – SP6643 Open
Drain Power Fail Output. Sinks current when
PFI falls below 0.614V. The SP6642EB has
this pin pulled up to V
OUT through 100kΩ
resistor R5, which will draw 30
µA when
power fail is asserted low.
Evaluating Output Voltages Other than 3.3V
FB – U1-5 – Connects to R1, R2 output
feedback divider. The SP6642/3EB is set for
3.3V output since R1 is open on the board, and
R2 shorts FB to GND. To set an output voltage
in the range 2V to 5V, first cut the short on the
board across R2, then connect surface mount
resistors R1 & R2 according to the voltage
divider equation:
R1 = R2 (V
OUT/VREF - 1)
where R2 should be 100K to 1M since FB
leakage = 10nA max and VREF = 1.25V
Evaluating the SP6643 Circuit
The SP6642EB comes with a SP6642EU
installed. To evaluate a SP6643, you need to
order samples of the SP6643EU and install one
on the board. Instead of having the SHDN
function, the SP6643 has a BATTLO function,
which gives a low battery detection when the
battery voltage drops below 1V. Be sure to
remove the Shunt in J1 when using the SP6643.
There are two pins on the SP6643 that differ
from the SP6642, so note their use and label
names differ as shown below:
BATTLO – U1-3 Use the post labeled PFO. The
BATTLO on the SP6643 is an Open Drain
Battery-Low Output which is pulled up to V
OUT
by 100k
Ω resistor R5. When the voltage at
the BATT pin is less than 1V, BATTLO goes to
close to 0V indicating Low Battery.
PFO – U1-4 Use the post labeled SHDN.
Remove the Shunt from J1. The PFO function
on the SP6643 behaves the same as the SP6642
as described previously in the section “Using
the Power Fail Comparator PFI”.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com