Electronic Components Datasheet Search
  English  ▼

X  

SP6642EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6642EB
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6642EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP6642EB Datasheet HTML 1Page - Sipex Corporation SP6642EB Datasheet HTML 2Page - Sipex Corporation SP6642EB Datasheet HTML 3Page - Sipex Corporation SP6642EB Datasheet HTML 4Page - Sipex Corporation SP6642EB Datasheet HTML 5Page - Sipex Corporation SP6642EB Datasheet HTML 6Page - Sipex Corporation SP6642EB Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SP6642EB/03
SP6642/3 Evaluation Board Manual
© Copyright 2000 Sipex Corporation
5
Ref.
Qty. Manufacturer
Part Number
Layout
Component
Vendor
Des.
Size
1
Sipex Corp.
146-6373-00
2" X 2"
SP6642/3
Sipex
Eval PC Board 978-667-7800
U1
1
Sipex Corp.
SP6642CU
uSO-8
8 pin
µSOIC
Sipex
Step-Up
DC/DC Conv.
C1, 2
2
Sprague Corp. 595D226X96R3B2 "B" size Tantalum 6.3V
Sprague
22
µF SM
207-490-7259
Low ESR
C3
1
Panasonic
ECJ-VB1E104K
1206
X7R Ceramic
Digi-Key
0.1
µF
800-344-4539
25V SM
C4
0
1206
Open
L1
1
Sumida
CD54-101KC
5X5mm 100
µH, 520mA
Sumida
Power Inductor, 847-956-0666
SM
R1,2,4
0
1206
Open
R3,5
2
Panasonic
ERJ-8GEYJ104
1206
100K Thick
Digi-Key
FilmChip 1/8W
5% 1206
+,-
1
Keystone
82
.27X.37 Snap-In Battery
Digi-Key
Clips for AAA
J1
1
Sullins
PZC36SFAN
.32X.12
3-Pin Header
Digi-Key
1
Sullins
STC02SYAN
.2X.1
Post Shunt
Digi-Key
SP6642/3 Evaluation Board List of Materials



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com