Electronic Components Datasheet Search
  English  ▼

X  

SP6644 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6644 Datasheet HTML 1Page - Sipex Corporation SP6644 Datasheet HTML 2Page - Sipex Corporation SP6644 Datasheet HTML 3Page - Sipex Corporation SP6644 Datasheet HTML 4Page - Sipex Corporation SP6644 Datasheet HTML 5Page - Sipex Corporation SP6644 Datasheet HTML 6Page - Sipex Corporation SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
SP6644/6645
Single/Dual Alkaline Cell, High Efficiency
Boost DC-DC Regulator
■ 90mA Output Current at 1.3V Input
■ 190mA Output Current at 2.6V Input
■ +2V to +5.5V Output Range
■ 0.88V Guaranteed Start-Up
■ 92% High Efficiency
■ 1.6µA Quiescent Supply Current at V
BATT
■ Reverse Battery Protection
■ Internal Synchronous Rectifier
■ 5nA Logic Controlled Shutdown Current
From V
BATT
■ Low-Battery Detection Active LOW Output
■ Small 8 Pin MSOP Package
■ Flexibility to Optimize Inductor Type with
Programmable Peak Current Control
■ No External FETs
GND
FB
LX
VBATT
47µF
47µF
RLIM
+3.3VOUT
SHDN
22µH
0.7A
0.88V to
3.3V Input
SP6644
SP6645
BATTLO
VOUT
®
DESCRIPTION
The SP6644/6645 devices are high-efficiency, low-power step-up DC-DC converters ideal
for single or dual alkaline cell applications such as pagers, remote controls, pointing devices,
medical monitors, and other low-power portable end products. Designers can control the
SP6644 device with an active LOW shutdown input. The SP6644 device features an active
low output for batteries below +1.0V. The SP6645 device features an active low output for
batteries below +2.0V. Both devices contain a 0.8Ω synchronous rectifier, a 0.5Ω
N-channel MOSFET power switch, an internal voltage reference, circuitry for pulse-
frequency-modulation, and an under voltage comparator.
The output voltage for the
SP6644/6645 devices is preset to +3.3V + 4% or can be adjusted from +2V to +5.5V by
manipulating two external resistors
TYPICAL APPLICATION CIRCUIT
SP6644
SP6645
8 Pin MSOP
8
7
6
4
V OUT
LX
GND
FB
V BAT
BATTL0
R LIM
SHDN
1
2
3
4


Similar Part No. - SP6644

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644 SIPEX-SP6644 Datasheet
145Kb / 5P
Evaluation Board Manual
SP6644 SIPEX-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
More results

Similar Description - SP6644

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
logo
Sipex Corporation
SP6644 SIPEX-SP6644_05 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6644EU-L SIPEX-SP6644EU-L Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
HM1531 High Efficiency DC-DC Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com