Electronic Components Datasheet Search
  English  ▼

X  

SP6644 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation SP6644 Datasheet HTML 10Page - Sipex Corporation SP6644 Datasheet HTML 11Page - Sipex Corporation SP6644 Datasheet HTML 12Page - Sipex Corporation SP6644 Datasheet HTML 13Page - Sipex Corporation SP6644 Datasheet HTML 14Page - Sipex Corporation SP6644 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
With an external resistor tolerance of +1%, the
peak current tolerance will be +6%. To make
sure that the SP6644/6645 internal circuitry
adequately controls the inductor current, it is
recommended that values equal to or greater
than 22
µH (+10%) be used.
The SP6644/6645 devices control algorithm
delivers an average maximum load current in
regulation as defined by:
where I
LOAD-MAX [A] is the maximum load current,
E is the efficiency factor (generally between 0.8
and 0.9), I
PEAK [A] is the programmed peak
inductor current, V
BATT [V] is the input voltage to
the device, and V
OUT [V] is the output voltage.
Given the minimum input voltage, output voltage,
and maximum average load current, the value of
I
PEAK can be solved for and an appropriate inductor
can be chosen. It is good design practice to use
the
lowest
peak
current
possible
to
reduce possible EMI and output ripple voltage.
A closed-core inductor, such as a toroid or
shielded bobbin, will minimize any fringe
magnetic fields or EMI.
Figure 28. Adjustable Output Voltage Circuitry
APPLICATION NOTES
Printed circuit board layout is a critical part of
design. Poor designs can result in excessive EMI
on the voltage gradients and feedback paths on
the ground planes with applications involving
high switching frequencies and large peak
currents. Excessive EMI can result in instability
or regulation errors.
All power components should be placed on the
PC board as closely as possible with the traces
kept short, direct, and wide (>50mils or 1.25mm).
Extra copper on the PC board should be integrated
into ground as a pseudo-ground plane. On a
multilayer PC board, route the star ground using
component-side copper fill, then connect it to the
internal ground plane using vias.
For the SP6644/6645 devices, the inductor and
input and output filter capacitors should
be soldered with their ground pins as close
together as possible in a star-ground
configuration. The V
OUT pin must be bypassed
directly to ground as close to the SP6644/6645
devices as possible (within 0.2in or 5mm). The
DC-DC converter and any digital circuitry should
be placed on the opposite corner of the PC board
as far away from sensitive RF and analog input
stages. The external voltage-feedback network
should be placed very close to the FB pin as well
as the R
LIM resistor (within 0.2in or 5mm). Any
GND
VOUT
FB
LX
VBATT
47µF
0.1µF
22µF
RLIM
VOUT=
2V to 5.2V
SHDN
0.88V to
3.3V Input
SP6644
SP6645
100pF*
R1
R2
*optional compensation
22µH
0.7A
BATTLO
I
LOAD-MAX =
E x I
PEAK x VBATT
2 x V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com