Electronic Components Datasheet Search
  English  ▼

X  

SP6644 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation SP6644 Datasheet HTML 10Page - Sipex Corporation SP6644 Datasheet HTML 11Page - Sipex Corporation SP6644 Datasheet HTML 12Page - Sipex Corporation SP6644 Datasheet HTML 13Page - Sipex Corporation SP6644 Datasheet HTML 14Page - Sipex Corporation SP6644 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
noisy traces, such as from the LX pin, should be
kept away from the voltage-feedback network
and separated from it using grounded copper to
minimize EMI.
Capacitor equivalent series resistance is a major
contributor to output ripple, usually greater than
60%. Low ESR capacitors are recommended.
Ceramic capacitors have the lowest ESR.
Low-ESR tantalum capacitors may be a more
acceptable solution having both a low ESR and
lower cost than ceramic capacitors. Designers
should select input and output capacitors with a
rating exceeding the peak inductor current. Do
not allow tantalum capacitors to exceed their
ripple-current ratings. A 22
µF, 6V, low-ESR,
surface-mount tantalum output filter capacitor
typically provides 60mV output ripple when
stepping up from 1.3V to 3.3V at 20mA.
An input filter capacitor can reduce peak
currents drawn from the battery and improve
efficiency. Low-ESR aluminum electrolytic
capacitors are acceptable in some applications
but standard aluminum electrolytic capacitors
are not recommended.
Designers should add LC pi filters, linear
post-regulators, or shielding in applications
necessary to address excessive noise, voltage
ripple, or EMI concerns. The LC pi filter's cutoff
frequency should be at least a decade or two
below the DC-DC converters's switching
frequency for the specified load and input voltage.
A small SOT23-5pin 200mA Low Drop Out
linear regulator can be used at the SP6644/6645
output to reduce output noise and ripple. The
schematic in figure 29 illustrates this circuit with
the SP6644 3.3V output followed by the Sipex
SP6201 3.0V output Low Drop Out linear regu-
lator. Compare in Figure 21 the SP6644 ripple of
40-50mVpp with the SP6201 ripple of about
3mVpp and you can see the amount of noise
reduction obtained.
Additional performance
characteristics for the SP6644/6201 combina-
tion can be seen in figures 17 to 20.
Table 1. Surface-Mount Inductor Information
Inductor Specification
Inductance
Manufacturer/Part No.
Resistance
Isat
(uH)
(ohms)
(mA)
Sumida CD43-220
0.38 (max)
680
22
Sumida CDRH5D18-220
0.28 (max)
760
Coilcraft DO1608C-223
0.32 (typ)
700
47
Sumida CD43-470
0.84 (max)
440
Coilcraft DO1608C-473
0.56 (typ)
500
100
Sumida CD54-101
0.7 (max)
520
Coilcraft DO1608C-104
1.1(typ)
310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com