Electronic Components Datasheet Search
  English  ▼

X  

SP6650 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6650
Description  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6650 Datasheet HTML 8Page - Sipex Corporation SP6650 Datasheet HTML 9Page - Sipex Corporation SP6650 Datasheet HTML 10Page - Sipex Corporation SP6650 Datasheet HTML 11Page - Sipex Corporation SP6650 Datasheet HTML 12Page - Sipex Corporation SP6650 Datasheet HTML 13Page - Sipex Corporation SP6650 Datasheet HTML 14Page - Sipex Corporation SP6650 Datasheet HTML 15Page - Sipex Corporation SP6650 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
TABLE 1.
DESIGNATION
DESCRIPTION
MANUFACTURER
PART NUMBER
COMMENTS
22µH/0.77Arms/0.104DCR
TDK
SLF7030T-220MR86
SHIELDED
INDUCTOR
22µH/1.1Arms/0.071DCR
MURATA
LQS66C220M04
L1
22µH/0.095DCR
SUMIDA
CDRH6D28
SHIELDED
47µH/0.76Arms/0.15DCR
MURATA
LQS66C470M04
SHIELDED
47µH/0.72Arms/0.37DCR
SUMIDA
CR54
C2, C3
47µF/350mΩ/500mA
NEMCO
LSR47/10C-350
INPUT, OUTPUT 47µF/350mΩ/500mA
AVX
TPSC476010R0350
FILTER
33µF/375mΩ/542mA
AVX
TPSC336010R0375
CAPACITORS
22µF/700mΩ/348mA
AVX
TPSB226010R0700
R2,R3
100K/63mW/1%Tolerance
Any approved
Any Package:
R1
10/63mW/5%Tolerance
0402,0505,0603 etc.
The schematic and description is shown in Ad-
ditional Application Circuits.
Another function of the output capacitor is to
hold up the output voltage during the load tran-
sient, and thus prevent excessive overshoot and
undershoot. For that, the recommended capaci-
tor value is greater than 22uF.
An input capacitor can reduce the peak current
drawn from the battery, improve efficiency, and
significantly reduce high frequency noises in-
duced by a switching power supply. The appli-
cable capacitors are tantalum, electrolytic and
ceramic capacitors. An RC filter is recommended
on the Vin pin (pin 2) to effectively cut down the
noise which can impact the IC control circuit.
The time constant of the RC filter needs to be at
least 5 times higher than the switching period,
calculated as 1/FLP during CCM.
APPLICATION INFORMATION
Output Voltage Program
The output voltage can be programmed by the
external voltage divider as shown on page 1.
First pick a resistor value less than 100k for R3.
A large R3 value would reduce the AC voltage
seen by the loop comparator because the FB pin
capacitance (can be as high as 10pF) can form a
low pass filter with R3 paralleling with R2. Lack
of AC voltage to the loop comparator would
give rise to pulse jittering and higher output
ripple. Once the R3 value is picked, R2 can be
calculated from
R2 =
(VOUT -1)R
3
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com