Electronic Components Datasheet Search
  English  ▼

X  

SP6654 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6654
Description  High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6654 Datasheet HTML 4Page - Sipex Corporation SP6654 Datasheet HTML 5Page - Sipex Corporation SP6654 Datasheet HTML 6Page - Sipex Corporation SP6654 Datasheet HTML 7Page - Sipex Corporation SP6654 Datasheet HTML 8Page - Sipex Corporation SP6654 Datasheet HTML 9Page - Sipex Corporation SP6654 Datasheet HTML 10Page - Sipex Corporation SP6654 Datasheet HTML 11Page - Sipex Corporation SP6654 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Date: 05/25/04
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
regulation. Once RESET occurs TON minimum
is reset, and the TOFF one-shot is triggered to
blank the loop comparator from starting a new
charge cycle for a minimum period. This blank-
ing period occurs during the noisy LX transition
to discharge, where spurious comparator states
may occur. For TOFF > TBLANK the loop is in a
discharge or wait state until the loop comparator
starts the next charge cycle by DRVON going
high.
If an over current occurs during charge the loop
is interrupted and DRVON is RESET. The off-
time one-shot pulse width is widened to TOFF =
KOFF / VOUT, which holds the loop in discharge
for that time. At the end of the off-time the loop
is released and controlled by VOLOW. In this
manner maximum inductor current is controlled
on a cycle-by-cycle basis. An assertion of UVLO
(undervoltage lockout) or TSD (thermal shut-
down) holds the loop in no-charge until the fault
has ended.
On-Time Control - Discharge Phase
The discharge phase follows with the high side
PMOS switch opening and the low side NMOS
switch closing to provide a discharge path for
the inductor current. The decreasing inductor
current and the load current cause the output
voltage to drop. Under normal load conditions
when the inductor current is below the pro-
grammed limit, the off-time will continue until
the output voltage falls below the regulation
threshold, which initiates a new charge cycle via
the loop comparator.
The inductor current “floats” in continuous con-
duction mode. During this mode the inductor
peak current is below the programmed limit and
the valley current is above zero. This is to satisfy
load currents that are greater than half the mini-
mum current ripple. The current ripple, ILR, is
defined by the equation:
ILR ≈
KON
*
VIN - VOUT - IOUT * RCH
L
VIN - VOUT
where:
L = Inductor value
IOUT = Load current
RCH = PMOS on resistance, 0.3Ω typ.
If the IOUT * RCH term is negligible compared
with (VIN - VOUT), the above equation simplifies
to:
ILR ≈
KON
L
For most applications, the inductor current ripple
controlled by the SP6654 is constant regardless
of input and output voltage. Because the output
voltage ripple is equal to:
VOUT (ripple) = ILR * RESR
where:
RESR = ESR of the output capacitor
the output ripple of the SP6654 regulator is
independent of the input and output voltages.
For battery powered applications, where the
battery voltage changes significantly, the SP6654
provides constant output voltage ripple through-
out the battery lifetime. This greatly simplifies
the LC filter design.
The maximum loop frequency in CCM is de-
fined by the equation:
FLP ≈
(VIN - VOUT) * (VOUT + IOUT * RDC)
KON * [VIN + IOUT * (RDC - RCH)]
where:
FLP = CCM loop frequency
RDC = NMOS on resistance, 0.3Ω typ.
Ignoring conduction losses simplifies the loop
frequency to:
FLP ≈
1
*
VOUT
* (VIN - VOUT)
KON
VIN
AND’ing the loop comparator and the on-timer
reduces the switching frequency for load cur-
rents below half the inductor ripple current. This
increases light load efficiency. The minimum
on-time insures that the inductor current ripple
is a minimum of KON/L, more than the load
OPERATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com