Electronic Components Datasheet Search
  English  ▼

X  

SP6654 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6654
Description  High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6654 Datasheet HTML 3Page - Sipex Corporation SP6654 Datasheet HTML 4Page - Sipex Corporation SP6654 Datasheet HTML 5Page - Sipex Corporation SP6654 Datasheet HTML 6Page - Sipex Corporation SP6654 Datasheet HTML 7Page - Sipex Corporation SP6654 Datasheet HTML 8Page - Sipex Corporation SP6654 Datasheet HTML 9Page - Sipex Corporation SP6654 Datasheet HTML 10Page - Sipex Corporation SP6654 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Date: 05/25/04
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
OPERATION
The SP6654 is a high efficiency synchronous
buck regulator with an input voltage range of
+2.7V to +5.5Vand an output that is adjustable
between +1.0V and VIN. The SP6654 features a
unique on-time control loop that runs in discon-
tinuous conduction mode (DCM) or continuous
conduction mode (CCM) using synchronous
rectification. Other features include, over-cur-
rent protection, digitally controlled enable and
under-voltage lockout, an external feedback pin,
and a power good indicator.
The SP6654 operates with a light load quiescent
current of 20
µA using a 0.3Ω PMOS main
switch and a 0.3
Ω NMOS synchronous switch.
It operates with excellent efficiency across the
entire load range, making it an ideal solution for
battery powered applications and low current
step-down conversions. The part smoothly tran-
sitions into a 100% duty cycle under heavy load/
low input voltage conditions.
On-Time Control - Charge Phase
The SP6654 uses a precision comparator and a
minimum on-time to regulate the output voltage
and control the inductor current under normal
load conditions. As the feedback pin drops be-
low the regulation point, the loop comparator
output goes high and closes the main switch.
The minimum on-timer is triggered, setting a
logic high for the duration defined by:
TON =
KON
VIN - VOUT
where:
KON = 2.25V*µsec constant
VIN = VIN pin voltage
VOUT = VOUT pin voltage
To accommodate the use of ceramic and other
low ESR capacitors, an open loop ramp is added
to the feedback signal to mimic the inductor
current ripple. The following waveforms de-
scribe the ideal ramp operation in both CCM and
DCM operation.
In either CCM or DCM, the negative going
ramp voltage (VRAMP in the functional diagram)
is added to FB and this creates the FB's signal.
This FB signal is applied to the negative termi-
nal of the loop comparator. To the positive
terminal of the loop comparator is applied the
REF voltage of 0.8V plus an offset voltage Vos
to compensate for the DC level of VRAMP ap-
plied to the negative terminal. The result is an
internal ramp with enough negative going offset
(approximately 50mV) to trip the loop com-
parator whenever FB falls below regulation.
The output of the loop comparator, a rising
VOLOW, causes a SET if BLANK = 0 and
OVR_I = 0.
This starts inductor charging
(DRVON = 1) and starts the minimum on-timer.
The minimum on-timer times out and indicates
DRVON can be reset if the voltage loop is
satisfied. If VOUT is still below the regulation
point RESET is held low until VOUT is above
DRVON
REF, FB
VOS
REF’
FB’
I(L1)
RAMP: DCM OPERATION
DRVON
REF, FB
VOS
REF’
FB’
I(L1)
RAMP: CCM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com