Electronic Components Datasheet Search
  English  ▼

X  

SP6654 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP6654
Description  High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP6654 Datasheet HTML 8Page - Sipex Corporation SP6654 Datasheet HTML 9Page - Sipex Corporation SP6654 Datasheet HTML 10Page - Sipex Corporation SP6654 Datasheet HTML 11Page - Sipex Corporation SP6654 Datasheet HTML 12Page - Sipex Corporation SP6654 Datasheet HTML 13Page - Sipex Corporation SP6654 Datasheet HTML 14Page - Sipex Corporation SP6654 Datasheet HTML 15Page - Sipex Corporation SP6654 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
Date: 05/25/04
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Operating Temperature Range
Top Mark
Package Type
SP6654EU..............................-40°C to +85°C.............................SP6654EU........................10 Pin MSOP
SP6654EU/TR........................-40°C to +85°C.............................SP6654EU........................10 Pin MSOP
SP6654ER..............................-40°C to +85°C.............................SP6654ER........................10 Pin DFN
SP6654ER/TR........................-40°C to +85°C.............................SP6654ER........................10 Pin DFN
/TR = Tape and Reel
Pack quantity is 2,500 for MSOP and 3,000 for DFN
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6654EU/TR = standard; SP6654EU-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com