Electronic Components Datasheet Search
  English  ▼

X  

SP6681 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6681
Description  High Efficiency Boost Charge Pump Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6681 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6681 Datasheet HTML 2Page - Sipex Corporation SP6681 Datasheet HTML 3Page - Sipex Corporation SP6681 Datasheet HTML 4Page - Sipex Corporation SP6681 Datasheet HTML 5Page - Sipex Corporation SP6681 Datasheet HTML 6Page - Sipex Corporation SP6681 Datasheet HTML 7Page - Sipex Corporation SP6681 Datasheet HTML 8Page - Sipex Corporation SP6681 Datasheet HTML 9Page - Sipex Corporation SP6681 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Rev:A Date: 11/20/03
SP6681 High Efficiency Boost Charge Pump Regulator
© Copyright 2002 Sipex Corporation
#
E
N
O
H
P
E
L
E
T
/
R
E
R
U
T
C
A
F
U
N
A
MR
E
B
M
U
N
T
R
A
P
/
E
C
N
A
T
I
C
A
P
A
C
E
G
A
T
L
O
V
R
S
E
X
A
M
z
H
k
0
0
1
@
R
O
T
I
C
A
P
A
C
E
P
Y
T
/
E
Z
I
S
0
0
1
6
-
3
0
8
-
7
4
8
/
K
D
TK
5
2
2
A
1
R
5
X
2
1
0
2
C2
.
2 µ
V
0
1
/
F0
3
0
.
0
Ω
R
5
X
/
5
0
8
0
0
0
1
6
-
3
0
8
-
7
4
8
/
K
D
TK
5
7
4
C
1
R
5
X
6
1
2
3
C7
.
4 µ
V
0
1
/
F0
2
0
.
0
Ω
R
5
X
/
6
0
2
1
1
1
4
9
-
8
4
4
-
3
4
8
/
X
V
AK
5
2
2
C
Z
6
0
2
12
.
2 µ
V
0
1
/
F0
3
0
.
0
Ω
R
7
X
/
6
0
2
1
8
8
8
0
-
5
2
9
-
7
4
8
/
n
e
d
u
Y
o
y
i
a
TG
M
5
2
2
J
B
2
1
2
K
M
L2
.
2 µ
V
0
1
/
F0
3
0
.
0
Ω
R
5
X
/
5
0
8
0
8
8
8
0
-
5
2
9
-
7
4
8
/
n
e
d
u
Y
o
y
i
a
TL
M
5
7
4
J
B
6
1
3
K
M
L7
.
4 µ
V
0
1
/
F0
2
0
.
0
Ω
R
7
X
/
6
0
2
1
The SP6681 circuit shown in figure 5 acts as a
3.3V in to 5V out for biasing the two 5V Logic
Level N-channel MOSFETs used in a step-
down DC/DC converter.
The high current
switching path is from the +3.3V bus through
the N-channel MOSFETs and inductor L1 to the
output capacitors.
To fully enhance Logic-
Level N-channel MOSFETs, +5V is needed
from the SP6681 output to the SP6120 VCC pin,
which supplies the low-side MOSFET MN1
with a 0V to 5V gate pulse through the GL pin.
Table 2. Suggested Low ESR Cermic Surface Mount Capacitors.
For the top-side MOSFET MN2 (which has a
floating gate driver biased at the BST pin), the
boost pin BST is charge pumped up from the 0
to 3.3V switching at the switch node pin SWN,
with an additional 5V from SP6681 output,
through the DBST diode to a total of 8.3V when
the SWN is at 3.3V, or a total of 5V from gate to
source to fully enhance the MOSFET MN2. For
a more detailed schematic of a step-down DC/
DC converter, see the SP6120 datasheet.
Figure 5. SP6681 Circuit as a 3.3V to 5.0V Boost for 5V N-Channel MOSFETs in Buck DC/DC Converter Circuit.
SP6120
VCC
VFB
PGND
BST
GH
SWN
GL
MN2
CIN
1.9V
1A to 7A
VOUT
RF
COUT
RI
MN1
DBST
3.3V
VIN
L1
2.2µF
2.2µF
2.2µF
SP6681
VOUT
CF1P
VIN
CD4
Cx8
CF2P
CF1N
GND
CF2N
CLK
10
9
8
7
6
1
2
3
4
5
4.7µF
130kHz Internal Clock
+5VOUT
CBST



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com